Electronic Components Datasheet Search
  English  ▼

X  

HT86144 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT86144
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86144 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT86144 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
HT86XXX
Rev. 1.70
24
May 6, 2004
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². Whereas in
the HALT mode, the overflow will initialize a
²warm re -
set
² only the PC and SP are reset to zero. To clear the
contents of the WDT (including the WDT prescaler),
three methods are adopted; external reset (external re-
set (a low level to RES), software instructions, or a HALT
instruction. The software instruction is
²CLR WDT² and
execution of the
²CLR WDT² instruction will clear the
WDT.
WS2
WS1
WS0
Division Ratio
0
0
0
1:1
0
0
1
1:2
0
1
0
1:4
0
1
1
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS Register
Power Down
- HALT
The HALT mode is initialized by a HALT instruction and
results in the following:
The system oscillator will be turned off but the WDT os-
cillator keeps running (if the WDT oscillator is selected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and recount
again.
· All I/O ports maintain their their original status.
· The PD flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². By examining the TO and PD
flags, the reason for the chip reset can be determined.
The PD flag is cleared when the system powers-up or
executes the
²CLR WDT² instruction, and is set when
the
²HALT² instruction is executed. The TO flag is set if a
WDT time-out occurs, and causes a wake-up that only
resets the PC and SP. The other maintain their original
status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by a mask option. Awakening from an I/O port
stimulus, the program will resume execution of the next
instruction. If awakening from an interrupt, two se-
quences may happen. If the related interrupt is disabled
or the interrupt is enabled by the stack is full, the pro-
gram will resume execution at the next instruction. If the
interrupt is enabled and the stack is not full, the regular
interrupt response takes place.
Once a wake-up event occurs, it takes 1024 system
clock period to resume normal operation. In other
words, a dummy cycle period will be inserted after a
wake-up. If the wake-up results from an interrupt ac-
knowledge, the actual interrupt subroutine will be de-
layed by one more cycle. If the wake-up results in next
instruction execution, this will be executed immediately
after a dummy period is finished. If an interrupt request
flag is set to
²1² before entering the HALT mode, the
wake-up function of the related interrupt will be dis-
abled. To minimize power consumption, all I/O pins
should be carefully managed before entering the HALT
status.
Reset
There are 3 ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the PC and SP, leaving the other cir-
cuits in their original state. Some registers remain un-
changed during any other reset conditions. Most
registers are reset to their
²initial condition² when the re-
set conditions are met. By examining the PD flag and
TO flag, the program can distinguish between different
²chip resets².
TO
PD
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²
To guarantee that the system oscillator has started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses after a system
power up or when awakening from a HALT state.
When a system power up occurs, the SST delay is
added during the reset period. But when the reset co-
mes from the RES pin, the SST delay is disabled. Any
wake-up from HALT will enable the SST delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com