Electronic Components Datasheet Search
  English  ▼

X  

HT86144 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT86144
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86144 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT86144 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
HT86XXX
Rev. 1.70
29
May 6, 2004
Input/Output Ports
There are 23 bidirectional input/output lines in the
microcontroller, labeled from PA to PC, which are
mapped to the data memory of [12H], [14H], and [16H]
respectively. All of these I/O ports can be used for input
and output operations. For input operation, these ports
are non-latching, that is, the inputs must be ready at the
T2 rising edge of instruction
²MOV A, [m]² (m=12H,14H
or 16H). For output operation, all the data is latched and
remains unchanged until the output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC) to control the input/output configuration. With this
control register, CMOS output or Schmitt trigger input
with or without pull-high resistor structures can be re-
configured dynamically (i.e. on-the-fly) under software
control. To function as an input, the corresponding latch
of the control register must write
²1². The input source
also depends on the control register. If the control regis-
ter bit is
²1², the input will read the pad state. If the con-
trol register bit is
²0², the contents of the latches will
move to the internal bus. The latter is possible in the
²read-modify-write² instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, and 17H. Bit 7 which is mapped to location [17H] is
always written as
²1².
After a chip reset, these input/output lines remain at high
levels or floating state (dependent on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. The wake-up capability of port A is determined
by mask option. There is a pull-high option available for
all I/O lines. Once the pull-high option is selected, all I/O
lines have pull-high resistors. Otherwise, the pull-high
resistors are absent. It should be noted that a
non-pull-high I/O line operating in input mode will cause
a floating state.
By some different mask options, there are 3 shared pins
(PC.4, PC.5, and PC.6) in PC. They can be normal I/O
pins or for special functions. The PC.4 is the external
clock source of timer/event counter TMR0 if TMR0 is set
to external clock mode, and the PC.5 is the external
clock source of timer/event counter TMR1 if TMR1 is set
to external clock mode. PC6 is pin-shared with XIN. The
XIN and XOUT can be connected to a 32kHz crystal as
the clock source of the timer counter TMR3 if the mask
option is set to enable 32kHz (RTC) crystal.
Q
D
C K
S
Q
Q
D
C K
S
Q
M
U
X
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e I / O
R e a d I / O
S y s t e m W a k e - U p ( P A o n l y )
W e a k
P u l l - u p
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 6
M a s k O p t i o n
M a s k O p t i o n
V D D
V D D
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com