Electronic Components Datasheet Search
  English  ▼

X  

HT86144 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT86144
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86144 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT86144 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86144 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
HT86XXX
Rev. 1.70
25
May 6, 2004
Reset Timing Chart
Reset Circuit
Reset Configuration
The function unit chip reset status are shown below.
PC
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer/event counter
Off
Input/output ports
Input mode
SP
Points to the top of the stack
Timer/Event Counter 0/1
There are four timer counters are implemented in the
HT86XXX. The Timer/Event Counter 0 and 1 contain
16-bit programmable count-up counters whose clock
may come from an external source or the system clock
divided by 4 (T1). Using the internal instruction clock
(T1), there is only one reference time base. The external
clock input allows the user to count external events,
measure time intervals or pulse width, or to generate an
accurate time base.
There are three registers related to Timer/Event Coun-
ter 0; TMR0H (0CH), TMR0L (0DH), TMR0C (0EH).
Writing to TMR0L only writes the data into a low byte
buffer. Writing to TMR0H will write the data and the con-
tents of the low byte buffer into the Timer/Event Counter
0 preload register (16-bit) simultaneously. The
Timer/Event Counter 0 preload register is changed only
by a write to TMR0H operation. Writing to TMR0L will
keep the Timer/Event Counter 0 preload register un-
changed.
Reading TMR0H will also latch the TMR0L into the low
byte buffer to avoid false timing problems. Reading the
TMR0L only returns the value from the low byte buffer
which may be a previously loaded value. In other words,
the low byte of Timer/Event Counter 0 cannot be read di-
rectly. It must read the TMR0H first to ensure that the
low byte contents of Timer/Event Counter 0 are latched
into the buffer.
There are three registers related to the Timer/Event
Counter 1; TMR1H (0FH), TMR1L (10H), TMR1C (11H).
The Timer/Event Counter 1 operates in the same man-
ner as Timer/Event Counter 0.
Label
Bits
Function
¾
0~2 Unused bit, read as
²0²
TE
3
To define the TMR0/TMR1 active
edge of timer/event counter
(0=active on low to high;
1=active on high to low)
TON
4
To enable/disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bit, read as
²0²
TM0,
TM1
6
7
To define the operating mode
(TMR1, TMR0)
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR0C/TMR1C Register
Label
Bits
Function
¾
0~2 Unused bit, read as
²0²
TE
3
To define the TMR0/TMR1 active
edge of timer/event counter
(0=active on low to high;
1=active on high to low)
TON
4
To enable/disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bit, read as
²0²
TM0,
TM1
6
7
To define the operating mode
(TMR1, TMR0)
01=Unused
10=Timer mode (internal clock)
11=Unused
00=Unused
TMR2C Register
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
R E S
V D D
W D T
H A L T
W D T
T i m e - o u t
R e s e t
R E S
C o l d
R e s e t
W a r m R e s e t
P o w e r - o n D e t e c t i n g
S S T
1 0 - s t a g e
R i p p l e C o u n t e r
O S C I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com