Electronic Components Datasheet Search
  English  ▼

X  

COP410L Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP410L
Description  Single-Chip N-Channel Microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP410L Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP410L Datasheet HTML 12Page - National Semiconductor (TI) COP410L Datasheet HTML 13Page - National Semiconductor (TI) COP410L Datasheet HTML 14Page - National Semiconductor (TI) COP410L Datasheet HTML 15Page - National Semiconductor (TI) COP410L Datasheet HTML 16Page - National Semiconductor (TI) COP410L Datasheet HTML 17Page - National Semiconductor (TI) COP410L Datasheet HTML 18Page - National Semiconductor (TI) COP410L Datasheet HTML 19Page - National Semiconductor (TI) COP410L Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Option List (Continued)
Option 17 G0 IO Port
e
0 Standard output
e
1 Open-drain output
Option 18 G1 IO Port
same as Option 17
Option 19 G2 IO Port
same as Option 17
Option 20 G3 IO Port (no option available for COP411L)
same as Option 17
Option 21 D3 Output (no option available for COP411L)
e
0 Very-high sink current standard output
e
1 Very-high sink current open-drain output
e
2 High sink current standard output
e
3 High sink current open-drain output
e
4 Standard LSTTL output (fanout e 1)
e
5 Open-drain LSTTL output (fanout e 1)
Option 22 D2 Output (no option available for COP411L)
same as Option 21
Option 23 D1 Output
same as Option 21
Option 24 D0 Output
same as Option 21
Option 25 L Input Levels
e
0 Standard TTL input levels (‘‘0’’ e 08V ‘‘1’’ e 20V)
e
1 Higher voltage input levels (‘‘0’’ e 12V ‘‘1’’ e 36V)
Option 26 G Input Levels
same as Option 25
Option 27 SI Input Levels
same as Option 25
Option 28 COP Bonding
e
0 COP410L (24-pin device)
e
1 COP411L (20-pin device)
e
2 Both 24- and 20-pin versions
TEST MODE (NON-STANDARD OPERATION)
The SO output has been configured to provide for standard
test procedures for the custom-programmed COP410L
With SO forced to logic ‘‘1’’ two test modes are provided
depending upon the value of SI
a RAM and Internal Logic Test Mode (SI e 1)
b ROM Test Mode (SI e 0)
These special test modes should not be employed by the
user they are intended for manufacturing test only
Option Table
The following option information is to be sent to National along with the EPROM
Option Data
OPTION
1 VALUE e
IS GROUND PIN
0
OPTION
2 VALUE e
IS CKO PIN
OPTION
3 VALUE e
IS CKI INPUT
OPTION 4 VALUE e
IS RESET INPUT
OPTION
5 VALUE e
IS L(7) DRIVER
OPTION
6 VALUE e
IS L(6) DRIVER
OPTION
7 VALUE e
IS L(5) DRIVER
OPTION
8 VALUE e
IS L(4) DRIVER
0
OPTION
9 VALUE e
IS VCC PIN
OPTION 10 VALUE e
IS L(3) DRIVER
OPTION 11 VALUE e
IS L(2) DRIVER
OPTION 12 VALUE e
IS L(1) DRIVER
OPTION 13 VALUE e
IS L(0) DRIVER
OPTION 14 VALUE e
IS SI INPUT
Option Data
OPTION 15 VALUE e
IS SO DRIVER
OPTION 16 VALUE e
IS SK DRIVER
OPTION 17 VALUE e
IS G0 IO PORT
OPTION 18 VALUE e
IS G1 IO PORT
OPTION 19 VALUE e
IS G2 IO PORT
OPTION 20 VALUE e
IS G3 IO PORT
OPTION 21 VALUE e
IS D3 OUTPUT
OPTION 22 VALUE e
IS D2 OUTPUT
OPTION 23 VALUE e
IS D1 OUTPUT
OPTION 24 VALUE e
IS D0 OUTPUT
OPTION 25 VALUE e
IS L INPUT LEV-
ELS
OPTION 26 VALUE e
IS G INPUT LEV-
ELS
OPTION 27 VALUE e
IS SI INPUT LEV-
ELS
OPTION 28 VALUE e
IS COPS BOND-
ING
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com