Electronic Components Datasheet Search
  English  ▼

X  

IXTK33N50 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTK33N50
Description  High Current MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK33N50 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTK33N50 Datasheet HTML 1Page - IXYS Corporation IXTK33N50 Datasheet HTML 2Page - IXYS Corporation IXTK33N50 Datasheet HTML 3Page - IXYS Corporation IXTK33N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
V
GS - Volts
2
3
4567
8
0
10
20
30
40
50
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
5
10
15
20
25
30
35
40
T
J - Degrees C
25
50
75
100
125
150
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
I
D = 16.5 A
I
D - Amperes
0
1020
3040506070
80
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
V
DS - Volts
04
8
12
16
20
0
10
20
30
40
50
V
DS - Volts
0
4
8
12
16
20
0
10
20
30
40
50
60
70
80
6V
5V
T
J = 25°C
V
GS = 10 V
V
GS = 10 V
9 V
8 V
T
J = 125°C
V
GS = 10 V
T
J = 25°C
7V
6V
5V
T
J = 25
oC
I
D = 33 A
T
J = 125°C
T
J = 125
oC
V
GS = 10 V
9 V
8 V
7 V
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 3. R
DS(on) normalized to 16.5A/25
OC vs. I
D
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 4. R
DS(on) normalized to 16.5A/25
OC vs. T
J
IXTK 33N50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com