Electronic Components Datasheet Search
  English  ▼

X  

IXTK33N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTK33N50
Description  High Current MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK33N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTK33N50 Datasheet HTML 1Page - IXYS Corporation IXTK33N50 Datasheet HTML 2Page - IXYS Corporation IXTK33N50 Datasheet HTML 3Page - IXYS Corporation IXTK33N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 5 mA
500
V
BV
DSS temperature coefficient
0.087
%/K
V
GS(th)
V
DS
= V
GS
,
I
D = 250 µA
2.0
4.0
V
V
GS(th) temperature coefficient
-0.25
%/K
I
GSS
V
GS
=
±20 V DC, V
DS = 0
±100
nA
I
DSS
V
DS
= 0.8 V
DSS
T
J = 25°C
200
µA
V
GS
= 0 V
T
J = 125°C
3
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
0.17
Ω
Symbol
Test conditions
Maximum ratings
V
DSS
T
J
= 25°C to 150°C
500
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25°C
33
A
I
DM
T
C
= 25°C, pulse width limited by T
JM
132
A
P
D
T
C
= 25°C
416
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Md
Mounting torque
1.13/10 Nm/lb.in.
Weight
10
g
Max lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
N-Channel Enhancement Mode
S
G
D
G = Gate
D = Drain
S = Source
TAB = Drain
TO-264 AA
95513C (4/97)
Features
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell
structure
• International standard package
• Fast switching times
Applications
• Motor controls
• DC choppers
• Uninterruptable Power Supplies
(UPS)
• Switch-mode and resonant-mode
Advantages
• Easy to mount with one screw
(isolated mounting screw hole)
• Space savings
• High power density
Preliminary data
D (TAB)
IXTK 33N50
V
DSS
= 500 V
I
D (cont) = 33 A
R
DS(on) = 0.17 Ω
Ω
Ω
Ω
Ω
High Current
MegaMOSTMFET
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXTK33N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTK33N50 ISC-IXTK33N50 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
IXTK33N50 ISC-IXTK33N50 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
IXTK33N50-TO-220F ISC-IXTK33N50-TO-220F Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
IXTK33N50-TO-3PL ISC-IXTK33N50-TO-3PL Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTK33N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH24N50 IXYS-IXTH24N50 Datasheet
107Kb / 4P
MegaMOSFET
IXTK62N25 IXYS-IXTK62N25 Datasheet
85Kb / 2P
High Current MegaMOSFET
IXTH67N10 IXYS-IXTH67N10 Datasheet
111Kb / 4P
MegaMOSFET
IXTK250N10 IXYS-IXTK250N10 Datasheet
69Kb / 2P
High Current MegaMOSFET
IXTH11N80 IXYS-IXTH11N80 Datasheet
98Kb / 4P
MegaMOSFET
IXTH14N80 IXYS-IXTH14N80 Datasheet
80Kb / 4P
MegaMOSFET
IXTK120N25 IXYS-IXTK120N25 Datasheet
85Kb / 2P
High Current MegaMOSFET
IXTK74N20 IXYS-IXTK74N20 Datasheet
320Kb / 2P
High Current MegaMOSFET
VMO400-02F IXYS-VMO400-02F Datasheet
85Kb / 4P
MegaMOSFET Module
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com