Electronic Components Datasheet Search
  English  ▼

X  

IXTK33N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTK33N50
Description  High Current MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK33N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTK33N50 Datasheet HTML 1Page - IXYS Corporation IXTK33N50 Datasheet HTML 2Page - IXYS Corporation IXTK33N50 Datasheet HTML 3Page - IXYS Corporation IXTK33N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
V
DS - Volts
10
1 00
0. 1
1
10
100
Pulse Width - Seconds
0.001
0.01
0.1
1
10
0.01
0.10
1.00
V
DS - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
V
SD - Volts
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
Gate Charge - nC
0
50
100
150
200
250
300
0
2
4
6
8
10
12
14
Vds=300V
I
D=30A
I
G=10mA
F = 1MHz
C
rss
C
oss
C
iss
T
J = 125°C
T
J = 25°C
V
ds = 300 V
I
D = 33 A
I
G = 10 mA
F = 1 MHz
T
C = 25°C
10 ms
1 ms
100 ms
DC
500
Single Pulse
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 11. Transient Thermal Resistance
Figure 10. Forward Biased SOA
Figure 9. Source Current vs. Source-to-
Drain Voltage
IXTK 33N50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com