Electronic Components Datasheet Search
  English  ▼

X  

PE3TC1221 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3TC1221
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1221 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3TC1221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
67
110
GHz
Insertion Loss
(Max.)
3.71
4.33
5.62
dB/ft
[12.17]
[14.21]
[18.44]
[dB/m]
VSWR (Max.)
1.3:1
1.4:1
1.5:1
.
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Cable Assembly
Diameter
0.27 in [6.86 mm]
.
Cable
Cable Type
PE-TC110
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Connectors
Description
Connector 1
Connector 2
Type
1.0mm Male
1.0mm Female
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Torque
4 in-lbs [0.45 Nm]
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
PE3TC1221 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0mm Male to 1.0mm Female Precision Cable Using PE-TC110 Coax, RoHS PE3TC1221
RF Cable Assemblies Technical Data Sheet
PE3TC1221
1.0mm Male to 1.0mm Female Precision
Cable Using PE-TC110 Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com