Electronic Components Datasheet Search
  English  ▼

X  

PE3TC1221 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3TC1221
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1221 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3TC1221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: 1.0mm Male
• Connector 2: 1.0mm Female
• Cable Type: PE-TC110
Features
• Operating to 110 GHz
• Protective light duty cable armoring
• Precision 1.0mm stainless steel connectors
•
Excellent amplitude and phase stability with flexure
• Non-conductive protective Nomex outer sleeve
• Each serialized assembly comes with test data
• In-stock and ready to ship
Applications
• Vector Network Analyzer testing
• Semiconductor probe testing
• Automotive radar testing
• Military radar testing
.
Description
Pasternack’s 110 GHz high performance VNA test cables are designed for your precision testing needs requiring a coaxial
cable using a 1.0mm connector interface. The coax is protected with a light armoring that helps protect the small diameter
cable from being damaged and improves stability during flexure. These cables have excellent VSWR and insertion loss prop-
erties and are phase stable under flexure. Each cable assembly is 100% tested and each unit comes with serialized test data.
These 1.0mm cables come standard in 6 inch and 12 inch lengths with Male to Male or Male to Female configurations and
are available for same-day shipment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
110
GHz
VSWR
1.5:1
Group Delay
1.34 [4.4]
ns/ft [ns/m]
Capacitance
26.5 [86.94]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0mm Male to 1.0mm Female Precision Cable Using PE-TC110 Coax, RoHS PE3TC1221
PE3TC1221 REV 1.0
1.0mm Male to 1.0mm Female Precision
Cable Using PE-TC110 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3TC1221


Similar Part No. - PE3TC1221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC1221-12 PASTERNACK-PE3TC1221-12 Datasheet
489Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3TC1221-6 PASTERNACK-PE3TC1221-6 Datasheet
489Kb / 5P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC1221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com