Electronic Components Datasheet Search
  English  ▼

X  

PE3TC1221 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3TC1221
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1221 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3TC1221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC1221 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3TC1221
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3TC1221-12 = 12 inches long cable
PE3TC1221-100cm = 100 cm long cable
1.0mm Male to 1.0mm Female Precision Cable Using PE-TC110 Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0mm Male to 1.0mm Female Precision Cable Using PE-TC110 Coax, RoHS PE3TC1221
URL: http://www.pasternack.com/1.0mm-male-1.0mm-female-pe-tc100-cable-assembly-pe3tc1221-p.aspx
PE3TC1221 REV 1.0
RF Cable Assemblies Technical Data Sheet
1.0mm Male to 1.0mm Female Precision
Cable Using PE-TC110 Coax, RoHS
PE3TC1221



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com