Electronic Components Datasheet Search
  English  ▼

X  

MIC37151 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC37151
Description  1.5 A LOW VOLTAGE UCAP LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37151 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC37151 Datasheet HTML 1Page - Micrel Semiconductor MIC37151 Datasheet HTML 2Page - Micrel Semiconductor MIC37151 Datasheet HTML 3Page - Micrel Semiconductor MIC37151 Datasheet HTML 4Page - Micrel Semiconductor MIC37151 Datasheet HTML 5Page - Micrel Semiconductor MIC37151 Datasheet HTML 6Page - Micrel Semiconductor MIC37151 Datasheet HTML 7Page - Micrel Semiconductor MIC37151 Datasheet HTML 8Page - Micrel Semiconductor MIC37151 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 2003
1
MIC37150/37151/37152
MIC37150/37151/37152
Micrel
MIC37150/37151/37152
1.5A, Low Voltage
µCap LDO Regulator
General Description
The Micrel MIC37150/51/52 is a 1.5A low-dropout linear
voltage regulator that provides a low voltage, high current
output with a minimum of external components. It offers high
precision, ultra-low dropout (500mV over temperature), and
low ground current.
The MIC37150/51/52 operates from an input of 2.25V to
6.0V. It is designed to drive digital circuits requiring low
voltage at high currents (i.e., PLDs, DSPs, microcontrollers,
etc.). It is available in fixed and adjustable output voltages.
Fixed voltages include 1.5V, 1.65V, 1.8V, 2.5V and 3.3V. The
adjustable version is capable of supplying output voltages
from 1.24V to 5.5V.
Features of the MIC37150/51/52 LDO include thermal and
current limit protection, and reverse current and reverse
battery protection. Logic enable and error flag pins are
available.
Junction temperature range of the MIC37150/51/52 is from
–40°C to 125°C.
For applications requiring input voltage greater than 6.0V,
see MIC3910x, MIC3915x, MIC3930x, and MIC3950x LDOs.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Typical Application
VOUT
VIN
FLG
GND
VEN
COUT
47µF, Ceramic
100k
MIC37151
VIN = 3.0V
VOUT = 2.5V
CIN
Fixed 2.5V Regulator with Error Flag
VOUT
VIN
ADJ
GND
VEN
COUT
47µF, Ceramic
R1
R2
1.3V
MIC37152
VIN
CIN
Adjustable Regulator
Features
• 1.5A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V, 1.65V, or 1.5V conversion
• Stable with ceramic or tantalum capacitor
•Wide input voltage range:
V
IN:
2.25V to 6.0V
• +1.0% initial output tolerance
• Fixed and adjustable output voltages
MIC37150—3-pin fixed voltages
MIC37151—5-pin fixed voltages
MIC37152—5-pin adjustable voltage
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• Reverse-leakage protection
• Low profile S-Pak 3 or 5 pin packages
Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Super ßeta PNP is a trademark of Micrel, Inc.


Similar Part No. - MIC37151

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37151 MICREL-MIC37151 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37151-1.5BR MICREL-MIC37151-1.5BR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37151-1.5WR MICREL-MIC37151-1.5WR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37151-1.5YME MICREL-MIC37151-1.5YME Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37151-1.65BR MICREL-MIC37151-1.65BR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37151

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com