Electronic Components Datasheet Search
  English  ▼

X  

MIC37151 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37151
Description  1.5 A LOW VOLTAGE UCAP LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37151 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37151 Datasheet HTML 1Page - Micrel Semiconductor MIC37151 Datasheet HTML 2Page - Micrel Semiconductor MIC37151 Datasheet HTML 3Page - Micrel Semiconductor MIC37151 Datasheet HTML 4Page - Micrel Semiconductor MIC37151 Datasheet HTML 5Page - Micrel Semiconductor MIC37151 Datasheet HTML 6Page - Micrel Semiconductor MIC37151 Datasheet HTML 7Page - Micrel Semiconductor MIC37151 Datasheet HTML 8Page - Micrel Semiconductor MIC37151 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC37150/37151/37152
Micrel
MIC37150/37151/37152
2
August 2003
Ordering Information
Output
Part Number
Current
Voltage*
Junction Temp. Range
Package
MIC37150-1.5BR
1.5A
1.5V
–40°C to +125°C
S-Pak-3
MIC37150-1.65BR
1.5A
1.65V
–40°C to +125°C
S-Pak-3
MIC37150-1.8BR
1.5A
1.8V
–40°C to +125°C
S-Pak-3
MIC37150-2.5BR
1.5A
2.5V
–40°C to +125°C
S-Pak-3
MIC37150-3.3BR
1.5A
3.3V
–40°C to +125°C
S-Pak-3
MIC37151-1.5BR
1.5A
1.5V
–40°C to +125°C
S-Pak-5
MIC37151-1.65BR
1.5A
1.65V
–40°C to +125°C
S-Pak-5
MIC37151-1.8BR
1.5A
1.8V
–40°C to +125°C
S-Pak-5
MIC37151-2.5BR
1.5A
2.5V
–40°C to +125°C
S-Pak-5
MIC37151-3.3BR
1.5A
3.3V
–40°C to +125°C
S-Pak-5
MIC37152BR
1.5A
ADJ.
–40°C to +125°C
S-Pak-5
*For other voltages contact Micrel.
Pin Configuration
3
OUT
2
GND
1IN
S-PAK-3 (R)
MIC37150
5FLG/ADJ
4
VOUT
3
GND
2VIN
1EN
S-PAK-5 (R)
MIC37151
MIC37152
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC37150
MIC37151/2
S-PAK-3
S-PAK-5
–1
EN
Enable (Input): CMOS compatible input. Logic high = enable, logic
low = shutdown.
12
VIN
Input voltage which supplies current to the output power device.
23
GND
Ground (TAB is connected to ground on S-Pak)
34
VOUT
Regulator Output
–5
FLG
Error Flag (Output): Open collector output. Active low indicates an output
MIC37151 only
fault condition.
ADJ
Adjustable regulator feedback input. Connect to resistor voltage divider.
MIC37152 only



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com