Electronic Components Datasheet Search
  English  ▼

X  

MIC37151 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC37151
Description  1.5 A LOW VOLTAGE UCAP LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37151 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC37151 Datasheet HTML 1Page - Micrel Semiconductor MIC37151 Datasheet HTML 2Page - Micrel Semiconductor MIC37151 Datasheet HTML 3Page - Micrel Semiconductor MIC37151 Datasheet HTML 4Page - Micrel Semiconductor MIC37151 Datasheet HTML 5Page - Micrel Semiconductor MIC37151 Datasheet HTML 6Page - Micrel Semiconductor MIC37151 Datasheet HTML 7Page - Micrel Semiconductor MIC37151 Datasheet HTML 8Page - Micrel Semiconductor MIC37151 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
August 2003
3
MIC37150/37151/37152
MIC37150/37151/37152
Micrel
Electrical Characteristics (Note 5)
T
A = 25°C with VIN = VOUT + 1V; VEN = VIN; bold values indicate –40°C < TJ < +125°C; unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
I
L = 10mA
–1
+1
%
10mA < I
OUT < IL(max), VOUT + 1 ≤ VIN ≤ 6V
–2
+2
%
Output Voltage Line Regulation
V
IN = VOUT +1.0V to 6.0V
0.06
0.5
%
Output Voltage Load Regulation
I
L = 10mA to 1.5A
0.2
1
%
V
IN – VOUT; Dropout Voltage;
I
L = 750mA
350
mV
Note 6
I
L = 1.5A
500
mV
Ground Pin Current, Note 7
I
L = 1.5A
17
30
mA
Ground Pin Current in Shutdown
V
IL ≤ 0.5V, VIN = VOUT + 1V
1.0
µA
Current Limit
V
OUT = 0
2.25
4.0
A
Start-up Time
V
EN = VIN, IOUT = 10mA, COUT = 22µF
170
500
µs
Enable Input
Enable Input Threshold
Regulator enable
2.25
V
Regulator shutdown
0.8
V
Enable Pin Input Current
V
IL ≤ 0.8V (regulator shutdown)
2
µA
4
µA
V
IH ≥ 2.25V (regulator enabled)
1
15
30
µA
75
µA
Flag Output
I
FLG(LEAK)
V
OH = 6V
1
µA
2
µA
V
FLG(LO)
V
IN = 2.25V, IOL = 250µA, Note 8
210
300
mV
400
mV
V
FLG
Low threshold, % of V
OUT below nominal
93
%
Hysteresis
2
%
High threshold, % of V
OUT below nominal
99.2
%
Reference Voltage
1.228
1.240
1.252
V
Reference Voltage
Note 9
1.215
1.265
V
Adjust Pin Bias Current
40
80
nA
120
nA
Reference Voltage
Note 10
20
ppm/°C
Temp. Coefficient
Adjust Pin Bias Current
0.1
nA/°C
Temp. Coefficient
Absolute Maximum Rating (Note 1)
Supply Voltage (V
IN) .................................................... 6.5V
Enable Input Voltage (V
EN) .......................................... 6.5V
Power Dissipation .................................... Internally Limited
Junction Temperature ........................ –40°C ≤ TJ ≤ +125°C
Storage Temperature ......................... –65°C ≤ TJ ≤ +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260°C
ESD, Note 3
Operating Maximum Rating (Note 2)
Supply Voltage (V
IN) ..................................... 2.25V to 6.0V
Enable Input Voltage (V
EN) ................................ 0V to 6.0V
Junction Temperature Range ............. –40°C ≤ TJ ≤ +125°C
Maximum Power Dissipation .................................... Note 4
Package Thermal Resistance
S-Pak(θJC)......................................................... 2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com