Electronic Components Datasheet Search
  English  ▼

X  

MN85571AC Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MN85571AC
Description  Single-Chip Audio/Video MPEG2 Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN85571AC Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MN85571AC Datasheet HTML 3Page - Panasonic Semiconductor MN85571AC Datasheet HTML 4Page - Panasonic Semiconductor MN85571AC Datasheet HTML 5Page - Panasonic Semiconductor MN85571AC Datasheet HTML 6Page - Panasonic Semiconductor MN85571AC Datasheet HTML 7Page - Panasonic Semiconductor MN85571AC Datasheet HTML 8Page - Panasonic Semiconductor MN85571AC Datasheet HTML 9Page - Panasonic Semiconductor MN85571AC Datasheet HTML 10Page - Panasonic Semiconductor MN85571AC Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MN85571AC
7
SDD00023AEM
s Pin Descriptions
Type
Pin Name
I/O
Description
Clock
SCLK
I
System clock input
Control
NRST
I
Chip initialization reset input signal 1
Control
TRST
I
Chip initialization reset input signal 2
Control
BUSY
O
Chip status output signal
Video I/F
VCLK
I
Video data input clock
Video I/F
VIN[7:0]
I
Video data input signal
Host I/F
HA[3:0]
I
Host interface address signal
Host I/F
HD[15:0]
I/O
Host interface data I/O
Host I/F
NHCS
I
Host interface chip select signal
Host I/F
NHRE
I
Host interface read enable signal
Host I/F
NHWE
I
Host interface write enable signal
Host I/F
NHINT
O
Host interface interrupt occurrence report signal
Host I/F
DMACLK
I
DMA I/O block 1 bus mode clock input
Host I/F
NHDACK
I
Code output enable signal (DMA mode)
Host I/F
NHDREQ
O
DMA transfer request signal
Audio I/F
ADIN
I
PCM data input (audio data input)
Audio I/F
PCKI
I
PCM master clock input
Audio I/F
PCKO
O
PCM master clock output
Audio I/F
BCKIO
I/O
Bit clock (64 fs or 32 fs) I/O (pulled up)
Audio I/F
LRCKIO
I/O
Left/right channel discrimination clock (fs) I/O (pulled up)
Audio I/F
AMAS
I
Master mode/slave mode switching control
Code I/F
RMRS
I
RCLK clock I/O switching
Code I/F
RCLKI
I
Code output clock input (Used in RSLAVE mode, pulled up.)
Code I/F
RCLKO
O
Code output clock output (Used in RMASTER mode.)
Code I/F
CDO[7:0]
O
Serial code output signal
Code I/F
CDREADY
O
Serial code output ready signal
Code I/F
CDACK
I
Serial code output request signal
Code I/F
IPIC
O
Pack flag that includes the VOBU start I Picture
Code I/F
VOB
O
VOB start pack flag
Code I/F
HCIFZ
I
Code output pin initial state control
SDRAM I/F
MCLK
O
External memory (SDRAM) clock output
SDRAM I/F
MCLKIN
I
Clock input for data transfer between external memory and this product
SDRAM I/F
MCKE
O
External memory (SDRAM) CKE output
SDRAM I/F
NMCS
O
External memory (SDRAM) chip select output
SDRAM I/F
NMRAS
O
External memory (SDRAM) RAS output
SDRAM I/F
NMCAS
O
External memory (SDRAM) CAS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com