Electronic Components Datasheet Search
  English  ▼

X  

MN85571AC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN85571AC
Description  Single-Chip Audio/Video MPEG2 Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN85571AC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN85571AC Datasheet HTML 1Page - Panasonic Semiconductor MN85571AC Datasheet HTML 2Page - Panasonic Semiconductor MN85571AC Datasheet HTML 3Page - Panasonic Semiconductor MN85571AC Datasheet HTML 4Page - Panasonic Semiconductor MN85571AC Datasheet HTML 5Page - Panasonic Semiconductor MN85571AC Datasheet HTML 6Page - Panasonic Semiconductor MN85571AC Datasheet HTML 7Page - Panasonic Semiconductor MN85571AC Datasheet HTML 8Page - Panasonic Semiconductor MN85571AC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LSIs for DVD
1
Publication date: January 2002
SDD00023AEM
MN85571AC
Single-Chip Audio/Video MPEG2 Encoder
s Overview
The MN85571AC is an audio/video encoder that performs video compression in conformance with the ISO/IEC
13818-2 (MPEG2 video) and ISO/IEC 11172-2 (MPEG1 video) standards and audio compression in conformance with
the Dolby Digital* system. It also can multiplex the compressed audio and video signals.
Note) 1. *: Dolby Digital is a registered trademark of Dolby Laboratories.
Neither the supply of this product that implements Dolby technologies nor the use of this product in end user products or
other end products implies the recognition of any implicit rights or licenses based on patents or other intellectual property
belonging to Dolby Laboratories. Licenses to use this product must be acquired from Dolby Laboratories.
2. Use of this product in MPEG2-related products requires patent licenses from the following company.
MPEG LA, LLC 250 Steel Street, Denver, Colorado USA 80206
s Features
• Video encoding
• Image compression technique: Compression in conformance with the ISO/IEC 13818-2 (MPEG2 video) and ISO/
IEC 11172-2 (MPEG1 video) standards
• Generation of image sizes for the DVD video recording standards from ITU-R BT.656 (D1 parallel input) conform-
ing signals
• Functions for conversion of horizontal and vertical resolutions.
• Special quantization processing and filtering (time, horizontal, and vertical axes)
• Audio encoding
• Encoding techniques: Dolby Digital and linear PCM
• Sampling frequency: 48 kHz
• Number of channels: 2 channels (left and right)
• Digital input interface: One system (supports both master and slave mode operation)
• External components
• External host for initialization and user-specific settings, and buffer memories (One 32-bit 64M SDRAM or two 16)
• Power supply system: Two supply voltages: 3.3 V (I/O supply voltage and internal PLL circuit supply voltage), 1.8
V (internal circuit supply voltage)
s Applications
• Used in the encoder block in AV recording equipment that uses the MPEG2 technique, such as DVD recorders.


Similar Part No. - MN85571AC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
3-Dimension Y/C Separation LSI
logo
Intel Corporation
MN8284N INTEL-MN8284N Datasheet
458Kb / 10P
Clock Generator and Driver for 8066, 8088 Processors
MN8284N-1 INTEL-MN8284N-1 Datasheet
458Kb / 10P
Clock Generator and Driver for 8066, 8088 Processors
MN8284N-1B INTEL-MN8284N-1B Datasheet
458Kb / 10P
Clock Generator and Driver for 8066, 8088 Processors
MN8284NB INTEL-MN8284NB Datasheet
458Kb / 10P
Clock Generator and Driver for 8066, 8088 Processors
More results

Similar Description - MN85571AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
MPEG2 audio decoder
1997 Jul 02
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
Encoder for MPEG2 image recording EMPIRE
2000 May 03
logo
fujitsu semiconductor
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
NEC
UPD61051 NEC-UPD61051 Datasheet
824Kb / 106P
MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
logo
fujitsu semiconductor
MB86391 FUJITSU-MB86391 Datasheet
847Kb / 69P
MPEG2 1chip Audio/Video Encoder
logo
Synaptics Incorporated.
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
Single-Chip Broadcast Audio/Video Decoder
logo
List of Unclassifed Man...
CL680 ETC1-CL680 Datasheet
682Kb / 4P
SINGLE-CHIP AUDIO/VIDEO/CD-ROM DECODER WITH INTEGRATED NTSC/PAL ENCODER
logo
Broadcom Corporation.
BCM7041 BOARDCOM-BCM7041 Datasheet
104Kb / 2P
SIMULTANEOUS DUAL-CHANNEL DIGITAL VIDEO/AUDIO ENCODER
logo
ESS Technology,Inc
ES7010 ESS-ES7010 Datasheet
67Kb / 4P
MPEG2 AV Encoder Prod uct Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com