Electronic Components Datasheet Search
  English  ▼

X  

MN85571AC Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # MN85571AC
Description  Single-Chip Audio/Video MPEG2 Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN85571AC Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button MN85571AC Datasheet HTML 4Page - Panasonic Semiconductor MN85571AC Datasheet HTML 5Page - Panasonic Semiconductor MN85571AC Datasheet HTML 6Page - Panasonic Semiconductor MN85571AC Datasheet HTML 7Page - Panasonic Semiconductor MN85571AC Datasheet HTML 8Page - Panasonic Semiconductor MN85571AC Datasheet HTML 9Page - Panasonic Semiconductor MN85571AC Datasheet HTML 10Page - Panasonic Semiconductor MN85571AC Datasheet HTML 11Page - Panasonic Semiconductor MN85571AC Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MN85571AC
8
SDD00023AEM
s Pin Descriptions (continued)
Type
Pin Name
I/O
Description
SDRAM I/F
NMWE
O
External memory (SDRAM) write enable output
SDRAM I/F
MDQM
O
External memory (SDRAM) data output buffer control
SDRAM I/F
MA[13:0]
O
External memory (SDRAM) address output
SDRAM I/F
MDQ[31:0]
I/O
External memory (SDRAM) data I/O (pulled up)
Power
AVDD
I
PLL system power supply (3.3 V)
Power
AGND
I
PLL system ground
Power
3.3V-VDD
I
3.3 V system power supply
Power
1.8V-VDD
I
1.8 V system power supply
Power
GND
I
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com