Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7719 Datasheet HTML 33Page - Analog Devices AD7719 Datasheet HTML 34Page - Analog Devices AD7719 Datasheet HTML 35Page - Analog Devices AD7719 Datasheet HTML 36Page - Analog Devices AD7719 Datasheet HTML 37Page - Analog Devices AD7719 Datasheet HTML 38Page - Analog Devices AD7719 Datasheet HTML 39Page - Analog Devices AD7719 Datasheet HTML 40Page - Analog Devices AD7719 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
REV. A
AD7719
–38–
In this 3-wire configuration, the lead resistances will result in
errors if only one current source is used because the 200 µA will
flow through RL1, developing a voltage error between AIN1 and
AIN2. In the scheme outlined below, the second RTD current
source is used to compensate for the error introduced by the
200 µA flowing through RL1. The second RTD current flows
through RL2. Assuming RL1 and RL2 are equal (the leads
would normally be of the same material and of equal length),
and IOUT1 and IOUT2 match, the error voltage across RL2
equals the error voltage across RL1, and no error voltage is
developed between AIN1 and AIN2. Twice the voltage is
developed across RL3, but since this is a common-mode voltage,
it will not introduce errors. RCM is included so the current
flowing through the combination of RL3 and RCM develops enough
voltage that the analog input voltage seen by the AD7719 is
within the common-mode range of the ADC. The reference
voltage for the AD7719 is also generated using one of these
matched current sources. This reference voltage is developed
across the 12.5 k
Ω resistor as shown, and applied to the differential
reference inputs of the AD7719. This scheme ensures that the analog
input voltage span remains ratiometric to the reference voltage.
Any errors in the analog input voltage due to the temperature drift
of the RTD current source is compensated for by the variation
in the reference voltage. The typical drift matching between the
two RTD current sources is less than 1 ppm/°C. The voltage on
either IOUT pin can go to within 0.6 V of the AVDD supply.
Smart Transmitters
Smart transmitters are another key design-in area for the AD7719.
The dual
Σ-∆ converter, single-supply operation, 3-wire interface
capabilities, and small package size are all of benefit in smart
transmitters. Here, the entire smart transmitter must operate
from the 4 to 20 mA loop. Tolerances in the loop mean that the
amount of current available to power the transmitter is as low as
3.5 mA. Figure 24 shows a block diagram of a smart transmitter,
which includes the AD7719.
Not shown in Figure 24 is the isolated power source required to
power the front end. The advantages of the AD7719 in these
applications is the dual-channel operation, meaning that the
user does not have to interrupt the main channel when measur-
ing secondary variables, and therefore does not have the latency
associated with the settling times of the digital filter. The fact
that the AD7719 is factory-calibrated means that in the majority
of applications, the user will not have to perform any field cali-
bration given the excellent offset and gain drift performance of
the device as a result of the signal chain chopping employed in
the signal chain.
MICROCONTROLLER
REF OUT2
REF IN
10 F
0.1 F
AVDD
DVDD
AIN1
AIN2
CS
DOUT
SCLK
DIN
DGND
AGND
AIN5
AIN5 COM
REFIN2
REFIN(+)
REFIN(–)
0.1 F
REF OUT1
CLOCK
LATCH
DATA
4.7 F
COM
C1
C2
C3
VCC
GND
AD7719
AD421
BOOST VCC
LV
0.01 F
1k
1000pF
LOOP
POWER
10 F
3.3V
1.25V
DN25D
0.01 F
LOOP
RTN
COMP
DRIVE
MAIN
VARIABLES
SECONDARY
VARIABLES
AIN3
AIN4
Figure 24. Smart Transmitter Employing the AD7719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com