| Electronic Components Datasheet Search |
|
AD7719 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7719 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 41 page ![]() REV. A AD7719 –18– Power-On/Reset Register Name Type Size Default Value Function Main ADC (DATA0) Data Register Read Only 16 Bits or 24 Bits 0x00 0000 Provides the most up-to-date conversion result from the main ADC. Main ADC data register length can be programmed to be 16-bit or 24-bit. Aux ADC (DATA1) Data Register Read Only 16 Bits 0x0000 Provides the most up-to-date conversion result from the auxiliary ADC. Aux ADC data register length is 16 bits. Main ADC Offset Register Read/Write 24 Bits 0x80 0000 Contains a 24-bit word that is the offset calibration coefficient for the part. The contents of this register are used to provide offset correction on the output from the digital filter. There are three offset registers on the part and these are associated with input channel pairs as outlined in the AD0CON register. Main ADC Gain Register Read/Write 24 Bits 0x5X XXX5 Contains a 24-bit word that is the gain calibration coefficient for the part. The contents of this register are used to provide gain correction on the output from the digital filter. There are three Gain registers on the part, which are associated with input channel pairs as outlined in the AD0CON register. Aux ADC Offset Register Read/Write 16 Bits 0x8000 Contains a 16-bit word that is the offset calibration coefficient for the part. The contents of this register are used to provide offset correction on the output from the digital filter. Aux ADC Gain Register Read/Write 24 Bits 0x59XX Contains a 16-bit word that is the gain calibration coefficient for the part. The contents of this register are used to provide gain correction on the output from the digital filter. ID Register Read 8 Bits 0x0X Contains an 8-bit byte that is the identifier for the part. Test Registers Read/Write 16 Bits 0x0000 Controls the test modes of the part, which are used when testing the part. The user is advised not to change the contents of these registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |