Electronic Components Datasheet Search
  English  ▼

X  

AD7719 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7719 Datasheet HTML 17Page - Analog Devices AD7719 Datasheet HTML 18Page - Analog Devices AD7719 Datasheet HTML 19Page - Analog Devices AD7719 Datasheet HTML 20Page - Analog Devices AD7719 Datasheet HTML 21Page - Analog Devices AD7719 Datasheet HTML 22Page - Analog Devices AD7719 Datasheet HTML 23Page - Analog Devices AD7719 Datasheet HTML 24Page - Analog Devices AD7719 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
REV. A
AD7719
–20–
Table XI. Status Register Bit Designations
Bit
Bit
Location
Name
Description
SR7
RDY0
Ready Bit for Main ADC.
Set when data is written to main ADC data registers or on completion of calibration cycle. The RDY0 bit is
cleared automatically after the main ADC data register has been read or after a period of time before the
data register is updated with a new conversion result. This bit is also cleared by a write to the mode bits to
indicate a conversion or calibration.
SR6
RDY1
Ready Bit for Aux ADC.
Set when data is written to aux ADC data registers or on completion of calibration cycle. The RDY1 bit is
cleared automatically after the aux ADC data register has been read or a period of time before the data register
is updated with a new conversion result. This bit is also cleared by a write to the mode bits to indicate a
conversion or calibration.
SR5
CAL
Calibration Status Bit.
Set to indicate completion of calibration. It is set at the same time that the RDY0 and/or RDY1 bits
are set high. Cleared by a write to the mode bits to start another ADC conversion or calibration.
SR4
NOXREF
No External Reference Bit. (Only active if main ADC is active and applies to REFIN1 only.)
Set to indicate that one or both of the REFIN1 pins is floating or the applied voltage is below a specified
threshold. When Set, conversion results are clamped to all 1s.
Cleared to indicate valid reference applied between REFIN1(+) and REFIN1(–).
SR3
ERR0
Main ADC Error Bit.
Set to indicate that the result written to the main ADC data registers has been clamped to all 0s or all 1s.
After a calibration, this bit also flags error conditions that caused the calibration registers not to be written.
Error sources include Overrange, Underrange, and NOXREF.
Cleared by a write to the mode bits to initiate a conversion or calibration.
SR2
ERR1
Aux ADC Error Bit.
Set to indicate that the result written to the Aux ADC data registers has been clamped to all 0s or all 1s.
After a calibration, this bit also flags error conditions that caused the calibration registers not to be written.
Error sources include Overrange, Underrange, and NOXREF.
Cleared by a write to the mode bits to initiate a conversion or calibration.
SR1
0
Reserved for Future Use.
SR0
LOCK
PLL Lock Status Bit.
Set if the PLL has locked onto the 32 kHz crystal oscillator clock. If the user is worried about exact sampling
frequencies, for example, the LOCK bit should be interrogated and the result discarded if the LOCK bit is 0.
Status Register (A3, A2, A1, A0 = 0, 0, 0, 0; Power-On
Reset = 0x00)
The ADC Status register is an 8-bit read-only register. To access
the ADC Status register, the user must write to the Communica-
tions register selecting the next operation to be a read and loading
bits A3 to A0 with 0, 0, 0, 0. Table XI outlines the bit designations
for the Status register. SR0 through SR7 indicate the bit location,
with SR denoting that the bits are in the Status register. SR7
denotes the first bit of the data stream. The number in paren-
theses indicates the power-on/reset default status of that bit.
7
R
S6
R
S5
R
S4
R
S3
R
S2
R
S1
R
S0
R
S
)
0
(
0
Y
D
R)
0
(
1
Y
D
R)
0
(
L
A
C)
0
(
F
E
R
X
O
N)
0
(
0
R
R
E)
0
(
1
R
R
E)
0
()
0
(
K
C
O
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com