Electronic Components Datasheet Search
  English  ▼

X  

MSK620 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MSK620
Description  WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK620 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MSK620 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
COMPLETE RGB VIDEO SYSTEM
A typical connection diagram for a red, green, blue video amplifier system is shown in Figure 2. To achieve optimum contrast
tracking, a master slave contrast connection is utilized. This is accomplished by connecting pins 1 and 2 of all three preamplifiers
together and using the contrast control of one channel to vary the contrast of all three channels simultaneously. White balance is
achieved through individual drive controls. Black level can also be adjusted for each channel by adjusting the voltage at pin 17. If
the cathode is AC coupled, the video signal is DC restored at the cathode. In that case black level clamping can be accomplished
by biasing pin 17 to the desired black level. The video output pins of the MSK 620 rests at approximately +3.9VDC and the input
of the MSK 640 must be biased at approximately +1.55VDC. D1, D2, D3 and Q1 act as a level shifting stage to match the DC
level requirements of the preamplifier and the driver. Black level control is accomplished with R8 and R9 sampling the output and
feeding it back to the clamping section of the MSK 620. This scheme provides black level control superior to locally sampling the
MSK 620 output and feeding that back to the clamping section.
Rev. A 8/00
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com