Electronic Components Datasheet Search
  English  ▼

X  

MSK620 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSK620
Description  WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK620 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSK620 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Clamp Cap
Clamp Gate Input
Ground
+Vcc
Video Output
N/C
Clamp Input (-)
Clamp Input (+)
Ground
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
230 MHz Video Bandwidth With Vout=4Vpp
Transition Times Less Than 2.0nS With Vout=4Vpp
0 To 4 Volt High Input Impedance DC Drive Control With ±3dB Range
0 To 4 Volt High Input Impedance DC Contrast Control With 40dB Range
Externally Gated Comparator for Brightness Control
Simple To Parallel For RGB Color Tracking
0.5V to 9.0V Output Voltage Swing Capability
On Board Accurate Reference Voltage Generator
Available Fully Qualified to MIL-PRF-38534
WIDE BANDWIDTH VIDEO
AMPLIFIER SYSTEM
MIL-PRF-38534 CERTIFIED
620
1
2
3
4
5
6
7
8
9
Control Output (+)
Attn. Input (+)
Attn. Input (-)
Control Output (-)
Ground
Video Input
Contrast Control Input
Drive Control Input
Vref Output
PIN-OUT INFORMATION
10
11
12
13
14
15
16
17
18
Wideband Amplifier With Gain
and DC Offset Control
High Resolution CRT Monitor
Ultra High Performance Video Processing
TYPICAL APPLICATIONS
EQUIVALENT SCHEMATIC
The MSK 620(B) is a very high frequency video amplifier system capable of driving displays with resolutions up to
1664 x 1200. Brightness is controlled with a gated differential input black level clamp comparator. There are also DC
inputs available for contrast control and drive control. All DC control inputs operate over a 0V to 4V input range and
feature high impedance inputs. The MSK 620(B) is packaged in a space efficient hermetically sealed 18 pin dip
package.
DESCRIPTION:
Rev. A 8/00
1
ISO 9001 CERTIFIED BY DSCC


Similar Part No. - MSK620

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK6000HRH ANAREN-MSK6000HRH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
MSK6000KRH ANAREN-MSK6000KRH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
More results

Similar Description - MSK620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
Video Amplifier System
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
AN608P PANASONIC-AN608P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC in-phase amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
Wide Bandwidth Video Switch
logo
M.S. Kennedy Corporatio...
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
Wide Bandwidth 4x1 VIDEO MULTIPLEXER
MPC104 TI1-MPC104 Datasheet
178Kb / 16P
Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com