Electronic Components Datasheet Search
  English  ▼

X  

FDMF3035 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor FDMF3035 Datasheet HTML 10Page - ON Semiconductor FDMF3035 Datasheet HTML 11Page - ON Semiconductor FDMF3035 Datasheet HTML 12Page - ON Semiconductor FDMF3035 Datasheet HTML 13Page - ON Semiconductor FDMF3035 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1 V, LOUT=250 nH, TA=25°C and natural convection cooling, unless
otherwise noted.
Figure 22.
Boot Diode Forward Voltage
vs. Temperature
Figure 23.
Driver Shutdown Current
vs. Temperature
Figure 24.
Driver Quiescent Current vs. Temperature
500
550
600
650
700
750
800
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
IF = 10mA
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
VCC = 5V, PWM = floating, FCCM = floating
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
VCC = 5V, PWM = floating
FCCM = 0V
FCCM = 5V
www.onsemi.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com