Electronic Components Datasheet Search
  English  ▼

X  

FDMF3035 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 10Page - ON Semiconductor FDMF3035 Datasheet HTML 11Page - ON Semiconductor FDMF3035 Datasheet HTML 12Page - ON Semiconductor FDMF3035 Datasheet HTML 13Page - ON Semiconductor FDMF3035 Datasheet HTML 14Page - ON Semiconductor FDMF3035 Datasheet HTML 15Page - ON Semiconductor FDMF3035 Datasheet HTML 16Page - ON Semiconductor FDMF3035 Datasheet HTML 17Page - ON Semiconductor FDMF3035 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Inductor
Current
PWM
SW
GL
GH to SW
VIH_PWM
VIL_PWM
3-State
Window
90%
10%
tPD_PHGLL
tD_DEADON
tPD_PLGHL
tD_DEADOFF
tPD_PHGLL
tD_DEADON
tD_HOLD-OFF
tPD_THGHH
tPD_TLGLH
Less than
tD_HOLD-OFF
Less than
tD_HOLD-OFF
3-State
tHOLD_OFF
Window
3-State
tHOLD_OFF
Window
GL / GH
off
GL / GH
off
tD_HOLD-OFF
90%
10%
Figure 28.
PWM 3-State Timing Diagram (FCCM held HIGH)
PWM
SW
GL
FCCM
DCM
CCM
(Neg. Inductor
Current)
VIL_PWM
VIH_FCCM
10%
VOUT
[ HS turn-on in DCM ]
Delay from PWM going HIGH
to HS VGS HIGH
GH to SW
VIH_PWM
Inductor
Current
DCM
CCM operation with
positive inductor current
CCM operation with
negative inductor current
DCM operation allowed:
Diode Emulation using the GL
(LS MOSFET VGS) to eliminate
negative inductor current
FCCM used
to control
negative
inductor
current
tPD_PHGHH
tPD_ZCD
Delay from FCCM going
HIGH to LS VGS HIGH
tPD_ZCD
Delay from FCCM going
HIGH to LS VGS HIGH
90%
10%
-0.5mV
SW
(zoom)
VIN
DCM
VIL_FCCM
FCCM used to
place driver IC
is low power
shutdown
mode
CCM
tPS_EXIT
CCM
(Pos. Inductor
Current)
FCCM 3-State Timing Diagram
www.onsemi.com
8
www.onsemi.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com