Electronic Components Datasheet Search
  English  ▼

X  

OX16CF950 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Page 12
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
5.3.3
Accessing Local Configuration Registers
The local configuration registers are a set of device specific registers, which can be accessed via standard IO mapping. As the
device is configured as a single function device, no base address is required to access the local configuration registers. Since IO
mapping is used, access to the local configuration registers is permitted only after the card has been configured. Once the
Configuration Options Register has been set in the Attribute area, the local configuration registers can be accessed following the
mapping shown in Table 5. This access is always permitted in Normal Mode. In Local Bus Mode access is only permitted if bit[0]
is set to ‘1’ in the MDR register in the UART, otherwise the local bus will be accessed rather than the local configuration
registers.
CF/PCMCIA offset from address 0 for local
configuration registers in IO space (hex)
Register Map
8
EEPROM Status and Control register
9
Multi-Purpose I/O Configuration register
A
UART Divider/Interrupt Pulse Width Divider register
B
Mode Status register
C
Interrupt Status register
D
Soft UART/Local Bus reset register
E
Reserved
F
Reserved
Table 5: Local Configuration Register's mapping in I/O space
Each of the local configuration registers are explained in the following sections
EEPROM Status and Control register ‘ESC’(Offset 0x08)
This register defines the control on the serial EEPROM. The individual bits are described in Table 6.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:5
Reserved
-
R
000
4
EEPROM Data In.
For reads from the EEPROM this input bit is the output-data (DO) of the
external EEPROM connected to EE_DI pin
-
R
X
3
EEPROM Data Out.
For writes to the EEPROM, this output bit feeds the input-data of the
external EEPROM (DI). This bit is output on the devices EE_DO and
clocked into the EEPROM by EE_CK
-
R/W
0
2
EEPROM Clock.
For reads or writes to the external EEPROM toggle this bit to generate an
EEPROM clock (EE_CK pin)
-
R/W
0
1
EEPROM Chip Select.
When ‘1’ the EEPROM chip select pin EE_CS is activated (high). When ‘0’
EE_CS is de-activated (low)
-
R/W
0
0
EEPROM Valid
A ‘1’ indicates that a valid EEPROM program header is present
-
R
X
Table 6: EEPROM Status and Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com