Electronic Components Datasheet Search
  English  ▼

X  

PM9105AF Datasheet(PDF) 7 Page - Sames

Part # PM9105AF
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AF Datasheet(HTML) 7 Page - Sames

Back Button PM9105AF Datasheet HTML 2Page - Sames PM9105AF Datasheet HTML 3Page - Sames PM9105AF Datasheet HTML 4Page - Sames PM9105AF Datasheet HTML 5Page - Sames PM9105AF Datasheet HTML 6Page - Sames PM9105AF Datasheet HTML 7Page - Sames PM9105AF Datasheet HTML 8Page - Sames PM9105AF Datasheet HTML 9Page - Sames PM9105AF Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PM9105AF
sames
7/10
Figure 2: Application for Three Phase Power/Energy Measurement.
SA9105
PLCC-44
IC-1
R11
CT2
2.5V
CT3
5V
0V
2.5V
R20
DR-00882
C8
XTAL
C12
29
28
30
33
32
R13
C7
R12
21
22
23
27
26
25
CT1
N
R19
R18
0V
MAINS VOLTAGES
PH1
PH2
PH3
C5
C6
R9
R10
R8
15
16
19
18
17
20
C4
34
44
11
14
13
R3
R2
R1
R3A
R2A
R1A
C11
C14
P14
OV
37
38
31
35
36
R14
42
43
39
40
41
1
0V
0V
FOUT3
FOUT2
FOUT1
C13
5V
P6
0V
P5
0V
R17
R16
R15
C10
7
6
3
4
5
2
C9
10
24
12
8
9
R6
C3
+
C1
+
C2
+
R7
R5
R4
R21
2.5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com