Electronic Components Datasheet Search
  English  ▼

X  

PM9105AF Datasheet(PDF) 3 Page - Sames

Part # PM9105AF
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AF Datasheet(HTML) 3 Page - Sames

  PM9105AF Datasheet HTML 1Page - Sames PM9105AF Datasheet HTML 2Page - Sames PM9105AF Datasheet HTML 3Page - Sames PM9105AF Datasheet HTML 4Page - Sames PM9105AF Datasheet HTML 5Page - Sames PM9105AF Datasheet HTML 6Page - Sames PM9105AF Datasheet HTML 7Page - Sames PM9105AF Datasheet HTML 8Page - Sames PM9105AF Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PM9105AF
sames
3/10
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C, unless otherwise specified.
Power
consumption figures are applicable to the PM9105AFE only.)
Parameter
Symbol
Min Typ
Max Unit
Condition
Supply Voltage (x3 Phases)
V
AC
180
230
265
V
PM9105AFE
(Continuous)
90
115
138
V
PM9105AFA
Frequency Output
FOUTX
Refer to applicable IC data sheet
Power Consumption1
100
mW
V
DD = 5V
Note 1:
Power consumption specifications exclude power consumed by the current
sensors.
CONNECTION DESCRIPTION
Designation
Description
PL5
Voltage Supply connected to Phase 1
Voltage Supply connected to Phase 2
Voltage Supply connected to Phase 3
Voltage Supply connected to Neutral Line (Common)
PL6
Power Output: 4Hz at rated current
Power Output: 290 Hz at rated current
Power Output: 1160 Hz at rated current
0V (Common)
PL4
5V DC Supply Voltage
0V DC Supply Voltage
CT1
Phase 1 (Direction indicated on PCB)
CT2
Phase 2 (Direction indicated on PCB)
CT3
Phase 3 (Direction indicated on PCB)
FUNCTIONAL DESCRIPTION
1.
Power Calculation
In the Application Circuit (see Figure 2), the output currents from the current sensors
will be between 0 and 16µA. The current input stages saturate at input currents
greater than 18µA
RMS. The mains voltage (mains voltage + 15% - 20%) is used for
the power calculation, together with the current information from the current sensors
(current transformers).
The calculated power for the 3 phases is integrated over time and converted into a
corresponding frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com