Electronic Components Datasheet Search
  English  ▼

X  

PM9105AF Datasheet(PDF) 9 Page - Sames

Part # PM9105AF
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AF Datasheet(HTML) 9 Page - Sames

Back Button PM9105AF Datasheet HTML 2Page - Sames PM9105AF Datasheet HTML 3Page - Sames PM9105AF Datasheet HTML 4Page - Sames PM9105AF Datasheet HTML 5Page - Sames PM9105AF Datasheet HTML 6Page - Sames PM9105AF Datasheet HTML 7Page - Sames PM9105AF Datasheet HTML 8Page - Sames PM9105AF Datasheet HTML 9Page - Sames PM9105AF Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PM9105AF
sames
9/10
Parts List for Application Circuit: Figure 2 (Continued)
Item
Symbol
Description
Detail
41
C12
Capacitor, ceramic, 100nF
42
C13
Capacitor, ceramic, 820nF
Note 3
43
C14
Capacitor, ceramic, 100nF
Note 1: Resistor (R
8, R9, R10, R11, R12 and R13) values are dependant upon the selected
values of the current transformer termination resistors R
18, R19 and R20.
Note 2: Capacitor values may be selected to compensate for phase errors caused by the
current transformers
Note 3: Capacitor (C13) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1, as
possible.
Note 4: See the table below detailing the component values for the selected voltage
standard.
Item
Symbol
Description
Detail
PM9105AFA
PM9105AFE
115V
230V
3
R1
200k
Ω
120k
Ω
4
R1A
180k
Ω
82k
Ω
5
R2
200k
Ω
120k
Ω
6
R2A
180k
Ω
82k
Ω
7
R3
200k
Ω
120k
Ω
8
R3A
180k
Ω
82k
Ω
ORDERING INFORMATION
Part Number
Description
PM9105AFA
3 X 115V, 3 X 80A Module
PM9105AFE
3 X 230V, 3 X 80A Module



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com