Electronic Components Datasheet Search
  English  ▼

X  

SA2102D Datasheet(PDF) 10 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 10 Page - Sames

Back Button SA2102D Datasheet HTML 6Page - Sames SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames SA2102D Datasheet HTML 11Page - Sames SA2102D Datasheet HTML 12Page - Sames SA2102D Datasheet HTML 13Page - Sames SA2102D Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
sames
SA2102D
10/16
http://www.sames.co.za
POWER
Time
Voltage
Instantaneous Power
0V
67 - 70 µS
67 - 70 µS
Pulse stability
disabled
Pulse stability
enabled
Current
LED Output (LED)
The LED output pin provides a pulse output with a frequency
proportional to the average energy when in STANDARD mode
and
the instantaneous energy when in FAST mode. This
output is primarily used for calibration purposes. The Rated
Conditions Select pins (R0, R1, R2) allow different frequencies
to be selected. The LED output is active low. Figure 8 shows
the LED waveform when in STANDARD mode.
Vss
Vdd
t1
t2
OUTPUT SIGNALS
Motor pulse output (MOP, MON)
The MOP and MON pins are complimentary outputs with a
frequency proportional to the average power consumption
measured. These outputs can be used to either directly drive a
stepper motor counter or an electro mechanical impulse
counter. The Rated Conditions Select pins (R0, R1, R2) allows
the selection of different output frequencies corresponding to
different Meter Constants. Figure 7 indicates the timing of
these signals.
3600
IxV
1000
()
Frequency (pulses per second) = P/kWh
P/kWh = frequency x
3600
IxV
1000
()
t1 = t2 = t3 = 213ms
t4 is proportional to the average power and can be calculated
using Equation 2 and the Motor Output Constants in Table 2.
Figure 7: Motor output MON and MOP
VDD
VDD
VSS
VSS
MON
MOP
t3
t1
t2
t4
t1 = 90ms
t2 is proportional to the average power and can be calculated
using Equation 1 along with the appropriate LED Output
Constant in Table 1.
Figure 8: LED pulse output in STANDARD mode
In FAST mode the LED pulse output is set at a high frequency
of 1160Hz at I
and V
This mode is useful for fast
calibration and can be used to interface to a micro-controller.
Figure 9 indicates the LED output signal in FAST mode.
MAX
NOM.
Figure 9: LED pulse output in fast mode
To convert pulses per kilowatt-hour to frequency (in Hz ) or vice
versa the following equations can be used:
where:
P/kWh = LED or MON/MOP pulse constant
I = current in amperes
V = voltage (normally V
)
The direction energy flow may be ascertained by monitoring
the DIRO pin. A logic 0 on this pin indicates negative energy
flow. Positive energy flow, is indicated on pin DIRO as a logic 1.
The DIRO pin may be used to drive a LED.
NOM
Direction Indicator Output (DIRO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com