Electronic Components Datasheet Search
  English  ▼

X  

SA2102D Datasheet(PDF) 12 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 12 Page - Sames

Back Button SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames SA2102D Datasheet HTML 11Page - Sames SA2102D Datasheet HTML 12Page - Sames SA2102D Datasheet HTML 13Page - Sames SA2102D Datasheet HTML 14Page - Sames SA2102D Datasheet HTML 15Page - Sames SA2102D Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
sames
SA2102D
12/16
http://www.sames.co.za
Figure 10: Application circuit
C1
D1
+ C3
C2
R1
R2
R3
D2
+ C4
R4
R5
D3
D4
C5
R10
R11
P1
R12
R6
R7
R13
C6
-2V5
-2V5
+2V5
LIVE
NEUTRAL
LIVE
NEUTRAL
R14
R2
4
R1
5
FAST
7
R0
6
VDD
8
DR-01569
9
10
VREF
3
IIP
2
IIN
1
AGND
20
IVP
19
DIRI
18
DIRO
17
16
MON
15
VSS
14
LED
13
MOP
SO
NC
NC
CNF
12
11
U1
SA2102D
.1
1
2
3
4
5
ICNT1
LED1
Calibration
R8
+2V5
220V/40A meter with 1600 pulses/kWh resolution
R9
+2V5
-2V5
-2V5
-2V5
LED2
2
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com