Electronic Components Datasheet Search
  English  ▼

X  

SA2102D Datasheet(PDF) 11 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 11 Page - Sames

Back Button SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames SA2102D Datasheet HTML 11Page - Sames SA2102D Datasheet HTML 12Page - Sames SA2102D Datasheet HTML 13Page - Sames SA2102D Datasheet HTML 14Page - Sames SA2102D Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
sames
SA2102D
11/16
http://www.sames.co.za
TYPICAL APPLICATION
In figure 10, the components required for a stand alone power
metering application, are shown. The application uses a shunt
resistor for the mains current sensing. The meter is designed
for 220V/40A operation.
The critical external components for the SA2102D integrated
circuit are the current sense resistors, the voltage sense
resistors as well as the bias setting resistor.
R13 defines all on-chip and reference currents. With
R13=47k , optimum conditions are set. Device calibration is
done on the voltage input of the device.
The voltage drop across the shunt resistor at rated current
should be at least 20mV. If a shunt resistor of 625µ
is chosen
and a voltage of 25mV across the shunt is required at I
then the power dissipation in the current sensor is:
P=I R
=(40A)² x 625µ
=1W.
The resistors R6 and R7 define the current level into the
current sense inputs of the device. The resistor values are
selected for an input current of 16µA on the current inputs of
the SA2102D at I
.
According to equation described in the Current Sense inputs
section:
R6 = R7 = (I / 16µA) x R
/2
= 40A / 16µA x 625µ/2
= 781.25
A resistor with value of 820
is chosen, the 5% deviation from
the calculated value will be compensated for when calculating
resistor values for the voltage path.
BIAS RESISTOR
SHUNT RESISTOR
CURRENT SENSE RESISTORS
W
W
W
W
W
MAX
MAX
2
LSH
VOLTAGE DIVIDER
PROGRAMMING
The voltage divider is calculated for a voltage drop of 14V +
5%(14.7V). Equations for the voltage divider in figure 10 are:
R1 + R2 + R3 = RA and R12 || (R11+P1) = RB. Combining the
two equations gives:
(RA + RB) / 220V = RB / 14.7V
A 5k trimpot will be used in the voltage channel for meter
calibration. The center position on the pot is used in the
calculations. P1 = 2.5k
and values for resistors R11 = 22k
and R12 =1M
are chosen.
Substituting the values will result in:
RB=23.91k
and RA=RB x (220V/14.7V - 1) resulting in
RA=333k
so the resistor values of R1, R2 and R3 are chosen
to be 110k .
The resistor values are calculated for a 40A rated meter. The
LED pulse rate must be set accordingly by programming pins
R0, R1 and R2. Using the Rated Conditions Select section,
pins R0 and R2 is set to VSS and R1 set to VDD. These
settings will configure the SA2102D for 220V/40A operation
with a LED pulse rate of 1600 pulses/kWh. The FAST pin is set
to VSS for STANDARD operation.
WW
W
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com