Electronic Components Datasheet Search
  English  ▼

X  

SA4106ASAR Datasheet(PDF) 10 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 10 Page - Sames

Back Button SA4106ASAR Datasheet HTML 6Page - Sames SA4106ASAR Datasheet HTML 7Page - Sames SA4106ASAR Datasheet HTML 8Page - Sames SA4106ASAR Datasheet HTML 9Page - Sames SA4106ASAR Datasheet HTML 10Page - Sames SA4106ASAR Datasheet HTML 11Page - Sames SA4106ASAR Datasheet HTML 12Page - Sames SA4106ASAR Datasheet HTML 13Page - Sames SA4106ASAR Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SPEC-1587 (REV. 5)
10/18
29-09-2017
SA4106A
Direction Select Input (DIRI)
Depending on the state of the DIRI pin the energy to be
measured can be positive energy only, negative energy only,
or both positive and negative energy. Connecting DIRI to VDD
will result in only positive energy being measured. Energy
flowing in the negative direction will not be measured.
Connecting DIRI to VSS will result in only negative energy
being measured. Energy flowing in the positive direction will
not be measured. Connecting the DIRI pin to the DIRO output
pin enables the bidirectional mode where energy is measured
regardless of direction.
Anti-Creep Threshold Select (ACSEL)
The Anti-Creep Threshold Select input (ACSEL) is used to
select
between
different
anti-creep
thresholds.
The
thresholds that can be selected are shown in Table 2. The
anti-creep feature can also be disabled if required. In this
case an external microcontroller could be used to implement
any desirable anti-creep threshold.
Table 2: Anti-creep threshold selection via the ACSEL input
ACSEL Input
Anti-Creep Threshold
VSS
Disabled
VDD
0.01% FMAX
Floating
0.004% FMAX
The anti-creep threshold is defined as a percentage of the
maximum output frequency in FAST mode (FMAX). Any FAST
mode pulses that occur at a lower frequency are not passed
to the pulse dividers and pulse output circuits.
Fast Mode Select (FMS)
The Fast Mode Select input (FMS) is used to select between
STANDARD and FAST mode as well as to select between a
multitude of meter constants and motor drive dividing ratios.
Connecting this pin to VDD or VSS enables the STANDARD
mode of operation while leaving this pin floating enables the
FAST mode of operation. When STANDARD mode is
enabled the LED output pulses at a low frequency. This low
frequency allows a longer accumulation period and the output
pulse rate is therefore proportional to the average power
consumption measured.
The Rated Condition Select pins (R0, R1, R2, R3) together
with the FMS pin are used to select different LED output
frequencies which in turn determine the applications meter
constant. Refer to Figure 9 for the LED output timing diagram.
When the FAST mode is enabled the LED output generates
pulses at a nominal frequency of 5kHz at IMAX and VMAX. In
this mode the pulse frequency is proportional to the average
power consumption measured. This mode is useful when
interfacing to a microcontroller.
When FMS is floating the LED pin outputs fast mode pulses.
The motor pulses occur as usual based on the last FMS
before a floating condition was detected as well as the current
states of R0, R1, R2 and R3. If a floating condition on FMS is
detected at device start-up the motor pulses are generated
based on FMS set to VSS.
Rated Condition Select (R0, R1, R2, R3)
The Rated Condition Select inputs (R0, R1, R2 and R3) along
with the Fast Mode Select input (FMS) are used for obtaining
a multitude of meter constants and motor drive ratios. The
different LED and motor division factors (DF_LED and
DF_MO) that can be selected via R0, R1, R2, R3 and FMS
are shown Table 3.
To calculate the LED output pulse constant in STANDARD
mode and the motor drive pulse constant for any meter rating
(IMAX and VNOM) the following formulae can be used:
������������ ������������/��������ℎ =
������������
16
×
5000
��������_������������
×
1000 × 3600
���������������� × ����������������
...(1)
where
IMAX is maximum rated mains current,
VNOM is nominal mains voltage,
IVP is the analog input current on the voltage sense input at
VNOM as specified in Table 1 and
DF_LED is the dividing factor for the LED output that is set by
the combination of R0, R1, R2, R3 and FMS as specified in
Table 3.
Equation 1 is based on the assumption that the input current
into the IIP/IIN current sense input is set to 16μARMS at IMAX.
�������������������� ������������/��������ℎ =
������������ ������������/��������ℎ
��������_��������
…(2)
where
LED imp/kWh is the LED constant as calculated using
Equation 1 and
DF_MO is the dividing factor for the motor output that is set
by the combination of R0, R1, R2, R3 and FMS as specified
in Table 3.
Table 4 illustrates some of the possible LED and motor
constants that are achievable for some common values of
IMAX using a VNOM between 220V and 240V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com