Electronic Components Datasheet Search
  English  ▼

X  

SA4106ASAR Datasheet(PDF) 15 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 15 Page - Sames

Back Button SA4106ASAR Datasheet HTML 10Page - Sames SA4106ASAR Datasheet HTML 11Page - Sames SA4106ASAR Datasheet HTML 12Page - Sames SA4106ASAR Datasheet HTML 13Page - Sames SA4106ASAR Datasheet HTML 14Page - Sames SA4106ASAR Datasheet HTML 15Page - Sames SA4106ASAR Datasheet HTML 16Page - Sames SA4106ASAR Datasheet HTML 17Page - Sames SA4106ASAR Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SPEC-1587 (REV. 5)
15/18
29-09-2017
SA4106A
Device Setup
The SA4106A has to be set to STANDARD mode. Using
Equations 1 and 2 in the Rated Condition Select section the
required LED and motor dividers for 1600imp/kWh and
100imp/kWh respectively are calculated as DF_LED = 880
and DF_MO = 16. Using Table 3 the device is set up using
FMS = VSS, R3 = VDD, R2 = VSS, R1 = VDD and R0 = VSS.
The lowest possible creep limit is chosen to allow the meter
to register energy at very low currents, so ACSEL is left
floating. In order to obtain the highest immunity against
tampering the SA4106A is set up to measure bidirectional
energy by connecting DIRI to DIRO.
Figure 11: Typical application circuit
Table 6: Component list for typical application
Symbol
Description
U1
Energy metering device, SA4106ASAR
U2
Opto-coupler, 1N35
RSH
Shunt Resistor, 40A, 320μ
R1, R21, R3,
R41
Resistor, 200
, 1%, metal film
R5
Resistor, 240k
, 1%, metal film
R6
Resistor, 220k
, 1%, metal film
R7
Resistor, 180k
, 1%, metal film
R81
Resistor, 100k
, 1%, metal film
R9
Resistor, 2.7k
, 1%, metal film
R101
Resistor, 47k
, 1%, metal film
R11
Resistor, 680
, 5%, carbon film
R12, R13
Resistor, 100
, 5%, carbon film
Symbol
Description
R14, R15
Resistor, 1k
, 5%, carbon film
P1
Trim-pot, 25 turns, 1k
C1, C2
Capacitor, 100nF, ceramic
C3
Capacitor, 2.7nF, ceramic
C42, C52
Capacitor, 220nF, ceramic
C62
Capacitor, 1μF, ceramic
D1
Light emitting diode, pulse output
D2
Light emitting diode, anti-creep state
output
D3
Light emitting diode, energy direction
output
CNT1
Stepper motor counter, 100imp/kWh
Note 1: Resistors R2, R4, R8 and R10 must be positioned as close as possible to the respective device pins
Note 2: Capacitors C4, C5 and C6 must be positioned as close as possible to the VDD and VSS power supply pins
8
14
3
VDD
VSS
VREF
IIP
IIN
SA4106A
U1
LED
MON
MOP
IVP
AGND
20
19
12
15
13
2
1
C2
R3
R4
R1
R2
200
200
200
200
C1
100nF
100nF
R10
47k
-2.5V
+2.5V
R5
240k
R6
220k
R7
180k
R8
100k
P1 1k
R9
2.7k
0V
0V
R13
100
R12
100
CNT1
7 6 5 4 3 2 . 1
D1
Pulse
+2.5V
R11
680
Pulse Out
U2
4N35
LIVE IN
NEUTRAL
0V
LIVE OUT
C3
2.7nF
0V
C4
220nF
C5
220nF
C6
1µF
+2.5V
-2.5V
0V
RSH
320µ
0V
ACST
16
R14
1k
D2
Creep
DIRO
17
R15
1k
D3
Direction
+2.5V
R1
R3
5
11
6
R0
R2
FMS
4
7
-2.5V
+2.5V
ACSEL
9
DIRI
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com