Electronic Components Datasheet Search
  English  ▼

X  

SA4106ASAR Datasheet(PDF) 11 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 11 Page - Sames

Back Button SA4106ASAR Datasheet HTML 7Page - Sames SA4106ASAR Datasheet HTML 8Page - Sames SA4106ASAR Datasheet HTML 9Page - Sames SA4106ASAR Datasheet HTML 10Page - Sames SA4106ASAR Datasheet HTML 11Page - Sames SA4106ASAR Datasheet HTML 12Page - Sames SA4106ASAR Datasheet HTML 13Page - Sames SA4106ASAR Datasheet HTML 14Page - Sames SA4106ASAR Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SPEC-1587 (REV. 5)
11/18
29-09-2017
SA4106A
Table 3: LED and motor division factors
FMS
R3
R2
R1
R0
DF_LED
DF_MO
0
0
0
0
0
220
256
0
0
0
0
1
440
128
0
0
0
1
0
880
64
0
0
0
1
1
1760
32
0
0
1
0
0
220
128
0
0
1
0
1
440
64
0
0
1
1
0
880
32
0
0
1
1
1
1760
16
0
1
0
0
0
220
64
0
1
0
0
1
440
32
0
1
0
1
0
880
16
0
1
0
1
1
1760
8
0
1
1
0
0
220
32
0
1
1
0
1
440
16
0
1
1
1
0
880
8
0
1
1
1
1
1760
4
1
0
0
0
0
1464
64
1
0
0
0
1
2928
32
1
0
0
1
0
352
64
1
0
0
1
1
704
32
1
0
1
0
0
584
32
1
0
1
0
1
1168
16
1
0
1
1
0
352
32
1
0
1
1
1
704
16
1
1
0
0
0
584
16
1
1
0
0
1
1168
8
1
1
0
1
0
352
16
1
1
0
1
1
704
8
1
1
1
0
0
292
16
1
1
1
0
1
584
8
1
1
1
1
0
234
16
1
1
1
1
1
468
8
Note:
Pin values defined as follows
0
pin is connected to VSS
1
pin is connected to VDD
Table 4: LED and motor constants achievable for some
common IMAX currents for VNOM = 220V to 240V
IMAX
Dividing Factors
LED Output
Motor Output
(A)
DF_LED
DF_MO
(imp/kWh)
(imp/kWh)
6
1464
64
6400
100
6
2928
32
3200
100
10
220
256
25600
100
10
440
128
12800
100
10
880
64
6400
100
10
1760
32
3200
100
10
220
128
25600
200
10
440
64
12800
200
10
880
32
6400
200
10
1760
16
3200
200
10
220
64
25600
400
10
440
32
12800
400
10
880
16
6400
400
10
1760
8
3200
400
10
220
32
25600
800
10
440
16
12800
800
10
880
8
6400
800
10
1760
4
3200
800
20
220
128
12800
100
20
440
64
6400
100
20
880
32
3200
100
20
1760
16
1600
100
20
220
64
12800
200
20
440
32
6400
200
20
880
16
3200
200
20
1760
8
1600
200
20
220
32
12800
400
20
440
16
6400
400
20
880
8
3200
400
20
1760
4
1600
400
25
352
64
6400
100
25
704
32
3200
100
25
352
32
6400
200
25
704
16
3200
200
25
352
16
6400
400
25
704
8
3200
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com