Electronic Components Datasheet Search
  English  ▼

X  

SA9602ESAR Datasheet(PDF) 1 Page - Sames

Part # SA9602ESAR
Description  Single Phase Unidirectional Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602ESAR Datasheet(HTML) 1 Page - Sames

  SA9602ESAR Datasheet HTML 1Page - Sames SA9602ESAR Datasheet HTML 2Page - Sames SA9602ESAR Datasheet HTML 3Page - Sames SA9602ESAR Datasheet HTML 4Page - Sames SA9602ESAR Datasheet HTML 5Page - Sames SA9602ESAR Datasheet HTML 6Page - Sames SA9602ESAR Datasheet HTML 7Page - Sames SA9602ESAR Datasheet HTML 8Page - Sames SA9602ESAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Single Phase Unidirectional Power/Energy
Metering IC with Instantaneous Pulse Output
SPEC-3117 (REV. 5)
1/10
29-09-2017
SA9602E
FEATURES
Pin and functionally compatible with the SA9102E with
reduced external components
Performs unidirectional power and energy measurement
Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
Protected against ESD
Total power consumption rating below 25mW
Adaptable to different types of current sensors
Operates over a wide temperature range
Precision voltage reference on-chip
Different pulse rate options available
DESCRIPTION
The SA9602E is an enhancement of the SA9102E, as no
external capacitors are required for the A/D converters.
The SA9602E single phase unidirectional power/energy
metering integrated circuit generates a pulse rate output, the
frequency of which is proportional to the power consumption.
The SA9602E performs the calculation for active power. The
method of calculation takes the power factor into account.
Energy consumption can be determined by the power
measurement being integrated over time.
This
innovative
universal
single
phase
power/energy
metering integrated circuit is ideally suited for energy
calculations in applications such as residential municipal
metering and factory energy metering and control.
The SA9602E integrated circuit is available in a 20 pin small
outline (SOIC20) RoHS compliant package.
Figure 1: Block diagram
VREF
VSS
OSCILLATOR
AND
TIMING
VOLTAGE REFERENCE
AND
CURRENT BIASING
AGND
IVP
IIN
IIP
FOUT2
POWER TO
FREQUENCY
FOUT1
VDD
POWER
INTEGRATOR
ANALOG SIGNAL
PROCESSING
CURRENT
CHANNEL
ADC
VOLTAGE
CHANNEL
ADC
OSC1
OSC2


Similar Part No. - SA9602ESAR

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9602ESAR

ManufacturerPart #DatasheetDescription
logo
Sames
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9105A SAMES-SA9105A Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9122E SAMES-SA9122E Datasheet
199Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9642E SAMES-SA9642E Datasheet
532Kb / 13P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING AND EARTH LEAKAGE PROTECTION IC
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
Excellent unidirectional switches for phase control applications
SXX06XSX LITTELFUSE-SXX06XSX Datasheet
774Kb / 11P
Excellent unidirectional switches for phase
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
Excellent unidirectional switches for phase control
logo
Diodes Incorporated
D5V0M1U2LP3 DIODES-D5V0M1U2LP3 Datasheet
397Kb / 4P
SINGLE CHANNEL UNIDIRECTIONAL TVS DIODE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com