Electronic Components Datasheet Search
  English  ▼

X  

SA9602ESAR Datasheet(PDF) 4 Page - Sames

Part # SA9602ESAR
Description  Single Phase Unidirectional Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602ESAR Datasheet(HTML) 4 Page - Sames

  SA9602ESAR Datasheet HTML 1Page - Sames SA9602ESAR Datasheet HTML 2Page - Sames SA9602ESAR Datasheet HTML 3Page - Sames SA9602ESAR Datasheet HTML 4Page - Sames SA9602ESAR Datasheet HTML 5Page - Sames SA9602ESAR Datasheet HTML 6Page - Sames SA9602ESAR Datasheet HTML 7Page - Sames SA9602ESAR Datasheet HTML 8Page - Sames SA9602ESAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPEC-3117 (REV. 5)
4/10
29-09-2017
SA9602E
FUNCTIONAL DESCRIPTION
The SA9602E is a CMOS mixed signal integrated circuit,
which performs power/energy calculations across a power
range of 500:1, to an overall accuracy of Class 1.
The SA9602E in is a direct replacement for the SA9102E with
the advantage of no external loop capacitors.
The integrated circuit includes all the required functions for
single phase power and energy measurement such as two
oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration.
Internal offsets are eliminated through the use of cancellation
procedures. The SA9602E generates pulses, the frequency
of which are proportional to the power consumption. Two
frequency outputs (FOUT1 and FOUT2) are available, with
additional frequency options available on request. The pulse
rate follows the instantaneous power consumption measured.
POWER CALCULATION
In the application circuit (see Figure 3), the voltage drop
across the shunt (RSH) will be between 0 and 16mVRMS (0 to
80A through a shunt
resistor of 200μ
). This voltage is
converted to a current of between 0 and 16μARMS, by means
of resistors R1 and R2. The current sense inputs saturate at
an input current of ±25μA peak.
Figure 3: Application Circuit
For the voltage sensor input, the mains voltage (220VAC) is
divided down through a divider (R3, R4 and P1) to 14V. The
current into the A/D converter input is set at 14μARMS at
nominal mains voltage, via resistor R5 (1M
). P1 may be
varied for calibration purposes.
In this configuration, with a mains voltage of 220V and a
current of 80A, the output frequency of the SA9602E power
meter chip on FOUT1 is 1160Hz. In this case, one pulse will
correspond to an energy consumption of 17.6kW/1160Hz =
15.17Ws. The output frequency on FOUT2 is FOUT1/290
(i.e. the frequency output at FOUT1 divided by 290).
ANALOG INPUT CONFIGURATION
The input circuitry of the current and voltage sensor inputs is
illustrated in Figure 4. These inputs are protected against
electrostatic
discharge
through
clamping
diodes.
The
feedback loops from the outputs of the amplifiers AI and AV
generate
virtual
shorts
on
the
signal
inputs.
Exact
duplications of the input currents are generated for the analog
signal processing circuitry.
Figure 4: Internal analog input configuration
Power
Supply
N
GND
VSS
RSH
R1
R2
R3
R5
R4
U1
P1
R6
SA9602E
VDD
L
VDD
VSS
GND
GND
L
N
VDD
FOUT1
FOUT2
TEST
VSS
IIN
IIP
IVP
AGND
VREF
Pulse Output 2
Pulse Output 1
OSC1
OSC2
A
I
IIN
IIP
VDD
VSS
VDD
VSS
A
V
IVP
VDD
VSS
AGND
VOLTAGE
SENSOR
INPUT
CURRENT
SENSOR
INPUT
CURRENT
CHANNEL
ADC
VOLTAGE
CHANNEL
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com