Electronic Components Datasheet Search
  English  ▼

X  

SA9602ESAR Datasheet(PDF) 3 Page - Sames

Part # SA9602ESAR
Description  Single Phase Unidirectional Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602ESAR Datasheet(HTML) 3 Page - Sames

  SA9602ESAR Datasheet HTML 1Page - Sames SA9602ESAR Datasheet HTML 2Page - Sames SA9602ESAR Datasheet HTML 3Page - Sames SA9602ESAR Datasheet HTML 4Page - Sames SA9602ESAR Datasheet HTML 5Page - Sames SA9602ESAR Datasheet HTML 6Page - Sames SA9602ESAR Datasheet HTML 7Page - Sames SA9602ESAR Datasheet HTML 8Page - Sames SA9602ESAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPEC-3117 (REV. 5)
3/10
29-09-2017
SA9602E
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD - VSS
6
V
Current on any Pin
IPIN
-150
150
mA
Storage Temperature
TSTG
-60
+125
ºC
Specified Operating Temperature Range
TO
-40
+85
ºC
Limit Range of Operating Temperature
Tlimit
-40
+85
ºC
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
PIN DESCRIPTION
Designation
Pin No.
Description
AGND
20
Analog Ground. This is the reference pin for the current and voltage signal sensing networks. The
supply voltage to this pin should be mid-way between VDD and VSS.
VDD
8
Positive Supply Voltage. The voltage to this pin should be +2.5V ± 10% with respect to AGND.
VSS
14
Negative Supply Voltage. The voltage to this pin should be -2.5V ± 10% with respect to AGND.
IVP
19
Analog Input for Voltage. The maximum current into the voltage sense input IVP should not exceed
16µARMS. At
nominal voltage an input current of 14μARMS is recommended. The voltage sense
input saturates at an input current of ±25µA peak.
IIP, IIN
2, 1
Analog Inputs for Current. The maximum current into the current sense inputs IIP/IIN should be
set at 16µARMS. The current sense inputs saturate at an input current of ±25µA peak.
VREF
3
This pin provides the connection for the reference current setting resistor. A 24k
 resistor
connected to VSS sets the optimum operating conditions.
FOUT1
12
First pulse output. Refer to the Pulse Output Signals section for further information.
FOUT2
13
Second pulse output. Refer to the Pulse Output Signals section for further information.
OSC1, OSC2
11, 10
Connection for crystal
TEST
7
Manufacturers test pin. Tie to VSS for optimum protection against transients.
NC
4-6, 9,
15-18
No connection, leave unconnected.
Figure 2: Pin connections for SOIC20 package
ORDERING INFORMATION
Part Number
Package
SA9602ESAR
SOIC20 (RoHS compliant)
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
IIN
IIP
VREF
NC
NC
NC
TEST
VDD
AGND
IVP
NC
NC
VSS
FOUT2
9
10
12
11
NC
OSC2
FOUT1
OSC1
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com