Electronic Components Datasheet Search
  English  ▼

X  

MS6324 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6324
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6324 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6324 Datasheet HTML 1Page - MOSA ELECTRONICS MS6324 Datasheet HTML 2Page - MOSA ELECTRONICS MS6324 Datasheet HTML 3Page - MOSA ELECTRONICS MS6324 Datasheet HTML 4Page - MOSA ELECTRONICS MS6324 Datasheet HTML 5Page - MOSA ELECTRONICS MS6324 Datasheet HTML 6Page - MOSA ELECTRONICS MS6324 Datasheet HTML 7Page - MOSA ELECTRONICS MS6324 Datasheet HTML 8Page - MOSA ELECTRONICS MS6324 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MOSA
MS6324/26
16-Bits Stereo Audio DAC
REV 2
2/13
www.mosanalog.com
BLOCK DIAGRAM
LEFT OUTPUT LATCH
RIGHT OUTPUT LATCH
LEFT BIT SWITCHS
RIGHT BIT SWITCHS
16-BIT WEIGHT
CURRENT DIVIDER
16-BIT WEIGHT
CURRENT DIVIDER
LEFT INPUT LATCH
RIGHT INPUT LATCH
CONTROL
&
TIMING
BCK
WS
DATA
REFERENCE
SOURCE
1
2
3
4
5
VDD
GND
10uF
RF
IBR
RF
IBL
VREF
VREF
VOUT
LEFT
6
8
VOUT
RIGHT
OP1
OP2
VREF
0.1uF
7
1uF
CAP
REFERENCE
CURRENT
SOURCE
IREF
IBR
REFERENCE
CURRENT
SOURCE
IREF
IBL
Fig.1
Block diagram.
ORDERING INFORMATION
Package
Part number
Marking
Transport Media
8-Pin SOP (lead free)
MS6324GTR
MS6324G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6324GU
MS6324G
100 Units Tube
8-Pin MSOP (lead free)
MS6324MGTR
6324G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6324MGU
6324G
80 Units Tube
8-Pin DFN (lead free)
MS6324DGTR
MS6324
5k Units Tape and Reel
8-Pin SOP (lead free)
MS6326GTR
MS6326G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6326GU
MS6326G
100 Units Tube
8-Pin MSOP (lead free)
MS6326MGTR
6326G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6326MGU
6326G
80 Units Tube
8-Pin DFN (lead free)
MS6326DGTR
MS6326
5k Units Tape and Reel
RoHS Compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com