Electronic Components Datasheet Search
  English  ▼

X  

MS6324 Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6324
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6324 Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6324 Datasheet HTML 4Page - MOSA ELECTRONICS MS6324 Datasheet HTML 5Page - MOSA ELECTRONICS MS6324 Datasheet HTML 6Page - MOSA ELECTRONICS MS6324 Datasheet HTML 7Page - MOSA ELECTRONICS MS6324 Datasheet HTML 8Page - MOSA ELECTRONICS MS6324 Datasheet HTML 9Page - MOSA ELECTRONICS MS6324 Datasheet HTML 10Page - MOSA ELECTRONICS MS6324 Datasheet HTML 11Page - MOSA ELECTRONICS MS6324 Datasheet HTML 12Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MOSA
MS6324/26
16-Bits Stereo Audio DAC
REV 2
8/13
www.mosanalog.com
I2S format
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
1 BCK
1 BCK
15
14
13
2
1
0
MSB
LSB
Fig.4 I2S format(MS6324)
Right justified format
0
1
2
15
14
13
2
1
0
MSB
LSB
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.3 Right justified format(MS6326)
APPLICATION INFORMATION
MP3 digital to analog converting solution
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6324/26
100uF
MS6308
68pF
39k
22k
22k
1nF
15k
1.2nF
1uF
100k
1uF
100k
10Ω
Supply
V
REF
10uF
0.1uF
1uF
f-3dB
= 17.5KHz
DCgain
= 1.05
VDACOUT P-P = 1.65V
VOUT P-P
= 1.75V
For V
DD = 3.3V
Headphone
(32Ω)
Fig.4
A third order lowpass filter ( Smoothing filter ) for DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com