Electronic Components Datasheet Search
  English  ▼

X  

MS6324 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6324
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6324 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6324 Datasheet HTML 1Page - MOSA ELECTRONICS MS6324 Datasheet HTML 2Page - MOSA ELECTRONICS MS6324 Datasheet HTML 3Page - MOSA ELECTRONICS MS6324 Datasheet HTML 4Page - MOSA ELECTRONICS MS6324 Datasheet HTML 5Page - MOSA ELECTRONICS MS6324 Datasheet HTML 6Page - MOSA ELECTRONICS MS6324 Datasheet HTML 7Page - MOSA ELECTRONICS MS6324 Datasheet HTML 8Page - MOSA ELECTRONICS MS6324 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSA
MS6324/26
16-Bits Stereo Audio DAC
REV 2
1/13
www.mosanalog.com
16-Bits Stereo Audio DAC
Low Power Consumption
Low Voltage, Excellent PSRR
FEATURES
‧ Operation range: 2.5V~6.5V.
‧ Excellent Power Supply Rejection Ratio(PSRR).
‧ Low operating current.
‧ Low power consumption
8mW at VDD=3.3V (Full scale output ).
‧ Low distortion.
‧ No zero crossing distortion.
‧ Wide dynamic range(16-bit resolution).
‧ Voltage Output .
‧ Cost efficient.
‧ Fast setting time permits 2*, 4*, and 8* oversampling
(serial input) or double speed operation at 4*
oversampling .
‧ Output voltage swing is proportional to supply voltage
(VOPP=VDD/2).
‧ The minimum HIGH voltage of digital clocks
(WS,DATA and BCK)and the control inputs can be
1.8V at Vdd = 5V.
‧ As the power is up, the initial registers of the DAC are
0000Hex, so the DAC output will beVdd/2.
‧ Audio Format:I2S(MS6324)
Right Justified(MS6326)
‧ Space saving package SOP8, MSOP8, DFN8
APPLICATIONS
•Multimedia system
•MP3, PDA, Portable Digital Audio.
•Set top box.
DESCRIPTION
The MS6324/26 is a 16-bit voltage-output Digital-to-Analog Converter(DAC). It gives the excellent Power Supply
Rejection Ratio(PSRR). It features extremely low power dissipation, small package size and easy application. The
accuracy of the weight current sources, combined with the unique symmetrical decoding method, preclude zero-
crossing distortion and ensures high quality audio reproduction. As the power is up, the initial registers of the DAC are
0000Hex, so the DAC output will beVdd/2. These unique features, combined with its exceptional performance, make
the MS6324/26 ideally suited for use in portable audio equipment. MS6326 is pin and function compatible with
MS6323.
PIN CONFIGURATION
Symbol
Pin
Description
SOP8/MSOP8
DFN8
BCK
1
Bit clock input
WS
2
Word select input
DATA
3
Data input
GND
4
Ground
VDD
5
Positive supply voltage
VOL
6
Left channel output
Cap
7
Cap
VOR
8
Right channel output


Similar Part No. - MS6324

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6324 MOSA-MS6324 Datasheet
603Kb / 13P
16-Bits Stereo Audio DAC Low Power Consumption
More results

Similar Description - MS6324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
MS6323 MOSA-MS6323 Datasheet
231Kb / 9P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
MS6313 MOSA-MS6313_1 Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6323 MOSA-MS6323_1 Datasheet
309Kb / 11P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6610 MOSA-MS6610_1 Datasheet
260Kb / 7P
16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
MS6324 MOSA-MS6324 Datasheet
603Kb / 13P
16-Bits Stereo Audio DAC Low Power Consumption
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com