Electronic Components Datasheet Search
  English  ▼

X  

SC84502AP Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC84502AP
Description  PS/2 MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84502AP Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC84502AP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 14Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Silan
Semiconductors
SC84502
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
13
APPLICATIONS CIRCUITS
1
15
14
13
12
11
10
9
8
7
5
6
16
2 OP
OSC DR
OSC OUT
CLK
DATA
Vss
VDD
Y2
Y1
X2
X1
L
M
R
SC84502AP
+5V
10µf
CLK
DATA
GROUND
3
4
NC
NC
50k
¡
510
¡
510
¡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com