Electronic Components Datasheet Search
  English  ▼

X  

SC84502AP Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC84502AP
Description  PS/2 MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84502AP Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC84502AP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Silan
Semiconductors
SC84502
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
FUNCTION DESCRIPTIONS
1. OPERATING MODE
There are four operating modes in PS/2 mouse:
i) Reset Mode:
In this mode a self-test is initiated during power-on or by a Reset command. After reset signal, PS/2 mouse
will send:
1) Completion code AA&ID code 00.
2) Set default:
sampling rate: 100 reports/s
non-autospeed
stream mode
2 dot/count
disable
ii) Stream Mode:
The maximum rate of transfer is the programmed sample rate.
Data report is transmitted if
1) switch is pressed
2) movement has been detect
iii) Remote Mode:
Data is transmitted only in response to a Read Data command.
iv) Wrap Mode:
Any byte of data sent by the system, except hex EC(Reset wrap mode) or hex FF(Reset), is returned by
SC84502.
2. PS/2 MOUSE DATA REPORT
i) In stream mode: A data report is sent at the end of a sample interval.
ii) In remote mode: A data report is sent in response to Read Data command.
iii) Data report format:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com