Electronic Components Datasheet Search
  English  ▼

X  

SC9302CT Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC9302CT
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302CT Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC9302CT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
10
(continued)
PO
O
CMOS OUT
This pin is a CMOS output structure, it receives
HKS and HFO/HDO
signals to control the dialer so as to connect or disconnect the
telephone line.
PO outputs low to break line when
HKS is high (on-hook) and
HFO/HDO is low.
PO outputs high to make line when
HKS is low (off-
hook) or HFO is high or HDO is high.
During the off-hook state, the pin also outputs the dialing pulse train in
pulse mode dialing. While in the tone mode, this pin is always high.
MODE
I/O
CMOS
IN/OUT
This is a three-state input/output pin, provided to the user for selecting a
dialing mode among Tone/20pps/10pps.
MODE=V
DD: Pulse mode, 10pps.
MODE=OPEN: Pulse mode, 20pps.
MODE=V
SS: Tone mode.
During the pulse mode dialing, switching this pin to the tone mode
changes the following entrance of digits to the tone mode. When the
chips are working in the tone mode, the switching from tone to the pulse
mode will be recognized.
DTMF
O
CMOS OUT
This pin is active only when the chip transmits tone dialing signals.
Otherwise, it always outputs low. The pin outputs tone signals to drive
the external transmitter amplifier circuit. The load resistor should not be
less than 5k
Ω.
HDI
I
CMOS IN
Pull-High
This pin is a schmitt trigger input structure. Active low. Applying a
negative going pulse to this pin can toggle the HDO output once.
An external RC network is recommended to use for the input
debouncing. The pull-high resistance is 200k
Ω typically.
HDO
O
CMOS OUT
The HDO is a CMOS output structure. Its output is toggle controlled by
a negative transition on
HDI . When HDO is toggled to high, PO keeps
high to hold the line. The hold function can be released by setting HFO
high or by an on-off hook operation or by another
HDI input. The HDO
pin can directly drive the melody generator to produce hold-line
background melody. Refer to the functional description for the hold-line
function.
KT
O
CMOS OUT
Key-tone output pin. It outputs 1.2kHz tone carrier when any key is
pressed in the pulse mode or when the function keys are pressed in the
tone mode.
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com