Electronic Components Datasheet Search
  English  ▼

X  

SC9302CT Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC9302CT
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302CT Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC9302CT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
11
(continued)
HFI
I
CMOS IN
Pull-Low
This pin is a schmitt trigger input structure. Active high. Applying a
positive going pulse to HFI can toggle the HFO once and hence control
the hand-free function. The pull-low resistance of HFI is 200K
Ω
typically.
An external RC network is recommended to use for the input
debouncing.
HFO
O
CMOS OUT
The HFO is a CMOS output structure. Its output is toggle controlled by
a positive transition on HFI pin. When HFO is high, the hand-free
function is enabled and
PO outputs high to connect the line.
The hand-free function can be released by setting HDO high or by an
on-off-hook operation or by another HFI input. Refer to the functional
description for the hand-free functional operation.
LOCK
I/O
CMOS IN/OUT
This is a three-state input/output pin, provided to the user for controlling
the long distance call function with a lock-switch.
LOCK=OPEN: Normal dialing (no lock).
LOCK=V
DD: “0,9” is inhibited for use as the first key input.
LOCK=V
SS: “0” is inhibited for use as the first key input.
DOUT
O
NMOS OUT
This is an NMOS open drain output pin. It outputs the BCD code of the
dialing digits to the LCD driver chip (SC16XX series) or
µC for dialing
number display. Refer to the functional description for the detailed
timing.
CLOCK
O
NMOS OUT
NMOS open drain output. When dialing, it outputs a series of pulse train
for the D
OUT data synchronization. The DOUT data is valid at the falling
edge of clock.
V
DD
I
--
Positive power supply, 2.0V~5.5V for normal operation.
V
SS
I
--
Negative power supply.
FUNCTION DESCRIPTIONS
1. KEYBOARD MATRIX
The
1
C ~ 4
C
and
1
R ~ 4
R make up of a keyboard matrix. Together with a standard 4x4 keyboard, the
keyboard matrix is used for dialing entrance. In addition, the keyboard matrix provides resistor option for different
dialing specification selections. The keyboard arrangement for each of the SC9302 series are listed in KEYBOARD
INFORMATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com