Electronic Components Datasheet Search
  English  ▼

X  

SC9302CT Datasheet(PDF) 37 Page - Silan Microelectronics Joint-stock

Part # SC9302CT
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302CT Datasheet(HTML) 37 Page - Silan Microelectronics Joint-stock

Back Button SC9302CT Datasheet HTML 31Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 32Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 33Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 34Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 35Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 36Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 37Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 38Page - Silan Microelectronics Joint-stock SC9302CT Datasheet HTML 39Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
37
CHIP TOPOGRAPHY
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
24
23
22
21
20
Chip size: 1.90 x 1.73 mm2
PAD COORDINATES (Unit: µm)
Pad No.
Symbol
X
Y
Pad No.
Symbol
X
Y
1
P1
-934.05
-225.30
13
P13
927.70
234.85
2
P2
-956.65
-503.00
14
P14
927.70
463.25
3
P3
956.65
-800.20
15
P15
890.75
619.10
4
P4
-668.20
-879.95
16
P16
937.55
839.50
5
P5
-391.80
-879.95
17
P17
761.90
875.45
6
P6
-137.60
-861.45
18
P18
363.20
875.45
7
P7
589.50
-845.65
19
P19
35.90
873.65
8
P8
846.10
-847.35
20
P20
-679.90
873.35
9
P9
899.15
-469.80
21
P21
-956.65
779.70
10
P10
954.35
-283.90
22
P22
-956.65
521.30
11
P11
927.70
-117.95
23
P23
-956.65
244.90
12
P12
927.70
71.75
24
P24
-940.35
-5.70
Note: The original point of the coordinate is the die center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com