Electronic Components Datasheet Search
  English  ▼

X  

AD7729 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7729 Datasheet HTML 2Page - Analog Devices AD7729 Datasheet HTML 3Page - Analog Devices AD7729 Datasheet HTML 4Page - Analog Devices AD7729 Datasheet HTML 5Page - Analog Devices AD7729 Datasheet HTML 6Page - Analog Devices AD7729 Datasheet HTML 7Page - Analog Devices AD7729 Datasheet HTML 8Page - Analog Devices AD7729 Datasheet HTML 9Page - Analog Devices AD7729 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD7729
–5–
REV. 0
TIMING DIAGRAMS
t10
ASE (I)
ASCLK (O)
ASDIFS (I)
ASDOFS (O)
ASDI (I)
ASDO (O)
THREE-STATE
THREE-STATE
THREE-STATE
D9
D8
A1
A0
D9
D8
D7
D8
D9
A0
A1
A2
D9
t10
t11
t13
t12
t14
t15
t16
NOTE
I = INPUT, O = OUTPUT
t17
t11
Figure 6. Auxiliary Serial Port ASPORT
t18
BSE (I)
BSCLK (O)
BSDIFS (I)
BSDOFS (O)
BSDI (I)
BSDO (O)
THREE-STATE
THREE-STATE
THREE-STATE
D9
D8
A1
A0
D9
D8
D7
D8
D9
A0
A1
A2
D9
t18
t19
t19
t21
t20
t22
t23
t24
NOTE
I = INPUT, O = OUTPUT
t25
Figure 7. Baseband Serial Port BSPORT
t1
t2
t3
Figure 2. Clock Timing
100 AIOL
TO OUTPUT PIN
+2.1V
100 A
IOH
CL
15pF
Figure 3. Load Circuit for Timing Specifications
t6
t4
t1
t3
t2
t5
MCLK
*ASCLK
*ASCLK IS INDIVIDUALLY PROGRAMMABLE IN FREQUENCY
(MCLK/4 SHOWN HERE).
Figure 4. ASCLK
t9
t7
t1
t3
t2
t8
MCLK
*BSCLK
*BSCLK IS INDIVIDUALLY PROGRAMMABLE IN FREQUENCY
(MCLK/4 SHOWN HERE).
Figure 5. BSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com