Electronic Components Datasheet Search
  English  ▼

X  

AD7729 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7729 Datasheet HTML 9Page - Analog Devices AD7729 Datasheet HTML 10Page - Analog Devices AD7729 Datasheet HTML 11Page - Analog Devices AD7729 Datasheet HTML 12Page - Analog Devices AD7729 Datasheet HTML 13Page - Analog Devices AD7729 Datasheet HTML 14Page - Analog Devices AD7729 Datasheet HTML 15Page - Analog Devices AD7729 Datasheet HTML 16Page - Analog Devices AD7729 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AD7729
–14–
REV. 0
Table VIII. Baseband Control Register B (BCRB)
Bit
Name
Function
BCRB0
Reserved
BCRB1
Reserved
BCRB2
RU
REFOUT Use.
BCRB3
LP
Reference Low Power.
BCRB4
RxSPORTSEL
Selects the SPORT
that will provide
RxDATA when RxON is
asserted. When set to 0,
the BSPORT is selected
and, when set to 1, the
ASPORT is selected.
BCRB5
Reserved
BCRB6
Reserved
BCRB7
Reserved
BCRB8
Reserved
BCRB9
Reserved
Table IX. Auxiliary Control Register A (ACRA)
Bit
Name
Function
ACRA0
Reserved
ACRA1
Reserved
ACRA2
AUXDACON
Power On for Auxiliary DAC
ACRA3
Reserved
ACRA4
Reserved
ACRA5
Reserved
ACRA6
Reserved
ACRA7
Reserved
ACRA8
Reserved
ACRA9
Reserved
Table X. Auxiliary Control Register B (ACRB)
Bit
Name
Function
ACRB0
ARESET
Resets the Auxiliary Converter
ACRB1
Reserved
ACRB2
Reserved
ACRB3
Reserved
ACRB4
Reserved
ACRB5
Reserved
ACRB6
Reserved
ACRB7
Reserved
ACRB8
Reserved
ACRB9
Reserved
Writing Over the Baseband (or Auxiliary) SPORT
Writing to and reading from registers via the SPORT involves
the transfer of 16 bit words, 10 bits of data and 6 bits of address
(with the exception of the Rx data). The frame format is as
shown in Figure 19, Bit 15 being the first input bit of the frame.
The destination of the 10-bit data is determined by the 6-bit
destination address as indicated in Figure 19. Note that some
registers are read only and, hence, cannot be written to.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 A5
A4
A3
A2
A1
0
A0
Figure 19. Write Operation Frame Format
Reading Over the Baseband (or Auxiliary) SPORT
To read the contents of a register, the address of the appropriate
register is written to the read address register, ARDADDR or
BRDADDR. The time interval between writing to the read
address register and the frame synchronization signal becoming
active equals 4 MCLK cycles. The read address register is
6 bits wide and Bits D11 to D6 of the input frame are used to
write to this register, Bits D12 to D15 being don’t cares, as
shown in Figure 20. The frame format for reading is identical to
that for writing i.e., 10 bits of data followed by 6 address bits
corresponding to the source address of the data (with the excep-
tion of the Rx data).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
X
X
X
X
RA5 RA4 RA3 RA2 RA1 RA0
0
0
1
0
1
0
0
Figure 20. Writing to the Read Address Register
(BRDADDR Shown Here)
Receiving RxDATA
The Rx ADC is activated by taking either the RxON bit or the
RxON pin high. In this mode, Rx data is automatically output
on the SDO pin of the SPORT at a word rate of 270 kHz for
each of I and Q, after a delay of T1 + T2 + T3 (see Figure 16).
The data format is I followed by Q. The AD7729 will output
16 bits of data, the 15-bit I or Q word, which is in twos comple-
ment format, and a flag bit. This flag bit (LSB) distinguishes
between the I and Q words, the bit being at 0 when the word
being output is an I word while this bit is at 1 when the output
is a Q word.
When RxON is taken high, the serial clock will have a frequency
of 13 MHz, irrespective of the value in the clock rate register.
When the AD7729 is ready to output Rx data, an output frame
synchronization signal is generated and the Rx data is automati-
cally output on the SDO pin, an I and Q word being output
every 48 MCLK cycles (see Figure 17). Data can be output on
the ASPORT or the BSPORT, bit RxSPORTSEL in control
register BCRB being used to select the SPORT. Rx data can be
received on one SPORT only, the user cannot interchange from
one SPORT to the other.
MICROPROCESSOR INTERFACING
The AD7729 has a standard serial interface which allows the
user to interface the part to several DSPs. In all cases, the
AD7729 operates as the master with the DSP acting as the
slave. The AD7729 provides its own serial clock to clock the
serial data/control information to/from the DSP.
AD7721-to-ADSP-21xx Interface
Figure 21 shows the AD7729 interface to the ADSP-21xx. For
the ADSP-21xx, the bits in the serial port control register
should be set up as TFSR = RFSR = 1 (a frame sync is needed
for each transfer), SLEN = 15 (16-bit word length), TFSW =
RFSW = 0 (normal framing), INVTFS = INVRFS = 0 (active
high frame sync signals), IRFS = 0 (external RFS), ITFS = 1
(internal TFS) and ISCLK = 0 (external serial clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com