Electronic Components Datasheet Search
  English  ▼

X  

AD7729 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7729 Datasheet HTML 7Page - Analog Devices AD7729 Datasheet HTML 8Page - Analog Devices AD7729 Datasheet HTML 9Page - Analog Devices AD7729 Datasheet HTML 10Page - Analog Devices AD7729 Datasheet HTML 11Page - Analog Devices AD7729 Datasheet HTML 12Page - Analog Devices AD7729 Datasheet HTML 13Page - Analog Devices AD7729 Datasheet HTML 14Page - Analog Devices AD7729 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD7729
–10–
REV. 0
VBIAS + VREF/2
VBIAS
VBIAS – VREF/2
IRxN
QRxN
IRxP
QRxP
10 ... 00
00 ... 00
01 ... 11
ADC CODE
Figure 11. ADC Transfer Function for Differential Operation
VBIAS + VREF
VBIAS
VBIAS – VREF
IRxN
QRxN
IRxP
QRxP
10 ... 00
00 ... 00
01 ... 11
ADC CODE
Figure 12. ADC Transfer Function for Single-Ended
Operation
Sigma-Delta ADC
The AD7729 receive channels employ a sigma-delta conversion
technique, which provides a high-resolution 15-bit output for
both I and Q channels with system filtering being implemented
on-chip.
The output of the switched-capacitor filter is continuously
sampled at 6.5 MHz (master clock/2), by a charge-balanced
modulator, and is converted into a digital pulse train whose
duty cycle contains the digital information. Due to the high
oversampling rate, which spreads the quantization noise from
0 MHz to 3.25 MHz (FS/2), the noise energy contained in the
band of interest is reduced (Figure 13a). To reduce the quanti-
zation noise still further, a high order modulator is employed to
shape the noise spectrum, so that most of the noise energy is
shifted out of the band of interest (Figure 13b).
The digital filter that follows the modulator removes the large
out-of-band quantization noise (Figure 13c), while converting
the digital pulse train into parallel 15-bit-wide binary data. The
15-bit I and Q data, which is in twos complement format, is
made available via a serial port.
QUANTIZATION
NOISE
BAND OF
INTEREST
FS/2
3.25MHz
a) Effect of High Oversampling Ratio
NOISE
SHAPING
BAND OF
INTEREST
FS/2
3.25MHz
b) Use of Noise Shaping to Further Improve
SNR
DIGITAL FILTER
CUTOFF FREQUENCY = 100kHz
BAND OF
INTEREST
FS/2
3.25MHz
c) Use of Digital Filtering to Remove the Out-
of-Band Quantization Noise
Figure 13.
Digital Filter
The digital filters used in the AD7729 receive section carry out
two important functions. Firstly, they remove the out-of-band
quantization noise which is shaped by the analog modulator.
Secondly, they are also designed to perform system level filter-
ing, providing excellent rejection of the neighboring channels.
Digital filtering has certain advantages over analog filtering.
Firstly, since digital filtering occurs after the A/D conversion
process, it can remove noise injected during the conversion
process. Analog filtering cannot do this. Secondly, the digital
filter combines low passband ripple with a steep roll-off, while
also maintaining a linear phase response. This is very difficult to
achieve with analog filters.
However, analog filtering can remove noise superimposed on
the analog signal before it reaches the ADC. Digital filtering
cannot do this and noise peaks riding on signals near full-scale
have the potential to saturate the analog modulator, even
though the average value of the signal is within limits. To allevi-
ate this problem, the AD7729 has overrange headroom built
into the sigma-delta modulator and digital filter which allows
overrange excursions of 100 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com