Electronic Components Datasheet Search
  English  ▼

X  

AD7729 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7729 Datasheet HTML 9Page - Analog Devices AD7729 Datasheet HTML 10Page - Analog Devices AD7729 Datasheet HTML 11Page - Analog Devices AD7729 Datasheet HTML 12Page - Analog Devices AD7729 Datasheet HTML 13Page - Analog Devices AD7729 Datasheet HTML 14Page - Analog Devices AD7729 Datasheet HTML 15Page - Analog Devices AD7729 Datasheet HTML 16Page - Analog Devices AD7729 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD7729
–13–
REV. 0
Table IV. Baseband and Auxiliary Registers
Name
R/W
Address
Reset
Reserved
000000 (0)
Reserved
000001 (1)
Reserved
000010 (2)
IRxOFFSET
R/W
000011 (3)
BRESET
QRxOFFSET
R/W
000100 (4)
BRESET
Reserved
000101 (5)
Reserved
000110 (6)
RxDELAY1
R/W
000111 (7)
BRESET
RxDELAY2
R/W
001000 (8)
BRESET
ARDADDR
R/W
001001 (9)
SRESET
BRDADDR
R/W
001010 (10)
SRESET
Reserved
001011 (11)
AUXDAC
R/W
001100 (12)
ARESET
Reserved
001101 (13)
Reserved
001110 (14)
Reserved
001111 (15)
Reserved
010000 (16)
Reserved
010001 (17)
ACRA
R/W
010010 (18)
ARESET
ACRB
R/W
010011 (19)
ARESET
BCRA
R/W
010100 (20)
BRESET
BCRB
R/W
010101 (21)
BRESET
Reserved
010110 (22)
Reserved
010111 (23)
Reserved
011000 (24)
ASCLKRATE
R/W
011001 (25)
SRESET
BSCLKRATE
R/W
011010 (26)
SRESET
BRESET: can be reset using pin RESETB or bit BRESET.
ARESET: can be reset using pin RESETB or bit ARESET.
SRESET: only the pin RESETB can reset these registers.
Table V. Baseband Control Register A (BCRA)
Bit
Name
Function
BCRA0
MCLKDIV
MCLK Divider. When this bit is
set to 0, the internal MCLK has
the same value as the external
MCLK. When this bit equals 1,
the external MCLK is divided by
2 within the AD7729 so that the
device operates at half the exter-
nal clock frequency.
BCRA1
RxAUTOCAL
Selects AutoCal when set to 1
and UserCal when set to 0.
BCRA2
RxEXTCAL
When set to 1, the Rx calibration
operates in external mode i.e.,
the I and Q analog inputs remain
connected to the pins during the
Rx autocalibration routine.
BCRA3
RxPOWER0
This bit, in conjunction with
RxPOWER1, is used to reduce
the analog current consumption
of the ADCs.
BCRA4
RxPOWER1
This bit, in conjunction with
RxPOWER0, is used to reduce
the analog current consumption
of the ADCs.
BCRA5
Reserved
BCRA6
RxON
Power-on for the receive section
of the AD7729.
BCRA7
BRESET
Baseband Reset.
BCRA8
Reserved
BCRA9
Reserved
Table VI. Power Modes for the ADCs
RxPOWER1
RxPOWER0
AIDD1 Reduction
0
0
Reserved
0
1
1/3 (Power Mode 1)
1
0
2/5 (Power Mode 2)
1
1
Reserved
Bits RxPOWER0 and RxPOWER1 are used to reduce the ana-
log current consumption of the ADCs. The part is specified in
Power Mode 1. In Power Mode 2, the MCLK needs to be less
than 10 MHz. The performance of the part will then be compa-
rable to the performance in Power Mode 1 except that the ADC
current will now be less than 9.5 mA.
Table VII. Receive Section Activation
RxON Pin
RxON Bit
Receive Section
0
0
OFF
01
ON
10
ON
11
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com