Electronic Components Datasheet Search
  English  ▼

X  

PE4151 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE4151
Description  Low Frequency Passive Mixer with Integrated LO Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4151 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE4151 Datasheet HTML 5Page - Peregrine Semiconductor PE4151 Datasheet HTML 6Page - Peregrine Semiconductor PE4151 Datasheet HTML 7Page - Peregrine Semiconductor PE4151 Datasheet HTML 8Page - Peregrine Semiconductor PE4151 Datasheet HTML 9Page - Peregrine Semiconductor PE4151 Datasheet HTML 10Page - Peregrine Semiconductor PE4151 Datasheet HTML 11Page - Peregrine Semiconductor PE4151 Datasheet HTML 12Page - Peregrine Semiconductor PE4151 Datasheet HTML 13Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2011–2016 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4151
Page 9 of 15
Document No. DOC-38614-2 │ www.psemi.com
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
4
4.5
5
5.5
6
6.5
7
7.5
8
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
Figure 30. Conversion Loss vs VDD
(25 °C, –8 dBm LO Input, 325 MHz IF)
Figure 31. RF to IF Isolation vs VDD
(25 °C, –8 dBm LO Input, 325 MHz IF)
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
Figure 32. LO to IF Isolation vs VDD
(25 °C, –8 dBm LO Input, 325 MHz IF)
Figure 33. LO to RF Isolation vs VDD
(25 °C, –8 dBm LO Input, 325 MHz IF)
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
Figure 34. IIP2 vs VDD
(25 °C, –8 dBm LO Input, 325 MHz IF)
Figure 35. IIP3 vs VDD
(25 °C, –8 dBm LO Input, 325 MHz IF)
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com