Electronic Components Datasheet Search
  English  ▼

X  

PE4151 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE4151
Description  Low Frequency Passive Mixer with Integrated LO Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4151 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE4151 Datasheet HTML 1Page - Peregrine Semiconductor PE4151 Datasheet HTML 2Page - Peregrine Semiconductor PE4151 Datasheet HTML 3Page - Peregrine Semiconductor PE4151 Datasheet HTML 4Page - Peregrine Semiconductor PE4151 Datasheet HTML 5Page - Peregrine Semiconductor PE4151 Datasheet HTML 6Page - Peregrine Semiconductor PE4151 Datasheet HTML 7Page - Peregrine Semiconductor PE4151 Datasheet HTML 8Page - Peregrine Semiconductor PE4151 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
©2011–2016 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4151
Page 3 of 15
Document No. DOC-38614-2 │ www.psemi.com
Function
EN
Powered On Mode
0
Power Off Mode
1
Table 6. Power On/Off Control
Parameters/Conditions
Min
Typ
Max
Unit
VDD Power supply voltage
2.9
3.0
3.1
V
TOP Operating temperature range
–40
+85
°C
Table 4. Operating Ranges
Note: Operation should be restricted to the limits in the Operating Ranges table.
Table 5. Absolute Maximum Ratings
Parameters/Conditions
Min
Max
Unit
VDS Maximum DC plus peak AC across
drain-source
±3.3
V
IDS-DC Maximum DC current across
drain-source
6
mA
TST Storage temperature range
–65
+150
°C
Tj Operating junction temperature
+125
°C
VESD ESD voltage
HBM, MIL_STD 883 Method 3015.7
1000
V
Table 3. Pin Descriptions
Pin #
Symbol
Function
1
EN
Enable pin (active low)
2
VDD
Supply voltage
3
IF_P
Positive IF port
4
IF_N
Negative IF port
5
RF_P
Positive RF input
6
RF_N
Negative RF input
7
GND
Ground
8
VDD
Supply voltage
9
INB
Positive LO input
10
INA
Negative LO input
Moisture Sensitivity Level
The moisture sensitivity level rating for the PE4151
in the 10-lead MSOP package is MSL1.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted
to the limits in the Operating Ranges table.
Operation between operating range maximum and
absolute maximum for extended periods may
reduce reliability.
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
EN
VDD
IF_P
IF_N
RF_P
RF_N
GND
VDD
INB
INA
1
2
3
4
5
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com